Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RAM-MOUNT-06 Datasheet (PDF) - Advantech Co., Ltd.

RAM-MOUNT-06 Datasheet PDF - Advantech Co., Ltd.
Part # RAM-MOUNT-06
Download  RAM-MOUNT-06 Download
File Size   576.12 Kbytes
Page   2 Pages
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.
Description 10" In-Vehicle Smart Display with Smart Display Port 2.0

RAM-MOUNT-06 Datasheet (PDF)

Go To PDF Page Download Datasheet
RAM-MOUNT-06 Datasheet PDF - Advantech Co., Ltd.

Part # RAM-MOUNT-06
Download  RAM-MOUNT-06 Click to download

File Size   576.12 Kbytes
Page   2 Pages
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.
Description 10" In-Vehicle Smart Display with Smart Display Port 2.0

RAM-MOUNT-06 Datasheet (HTML) - Advantech Co., Ltd.


RAM-MOUNT-06 Product details

Features
ƒ Vehicle-grade 10” (4:3) XGA TFT LCD with rugged resistive type touchscreen
ƒ 500 nits brightness
ƒ Built-in light sensor for automatic dimming
ƒ Easily installed and paired with TREK computing box via a single-cable
connection
ƒ Extended I/O ports (USB 2.0 Type A, power button and reset button) for easy
TREK computing box maintenance
ƒ Wide working temperature range (-30° C ~ 70° C)
ƒ Smart Display port 2.0, smaller connector, thinner cable, longer length and
easy connect/disconnect




Similar Part No. - RAM-MOUNT-06

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
RAM-MOUNT-06E ADVANTECH-RAM-MOUNT-06E Datasheet
683Kb / 2P
7 Mobile Data Terminal with Intel Atom Z510PT/Z520PT
RAM-MOUNT-06E ADVANTECH-RAM-MOUNT-06E Datasheet
683Kb / 2P
7" Mobile Data Terminal with Intel Atom
RAM-MOUNT-06E ADVANTECH-RAM-MOUNT-06E Datasheet
1Mb / 5P
10" Industrial Tablet with 4th Generation Intel Core i Processor
RAM-MOUNT-06E ADVANTECH-RAM-MOUNT-06E Datasheet
1Mb / 5P
10 Industrial Tablet with 4th Generation Intel® Core™ i Processor
4-Jun-2020
RAM-MOUNT-06E ADVANTECH-RAM-MOUNT-06E Datasheet
1Mb / 2P
Application Ready Platform (ARP) for In-vehicle Applications
6-Jan-2016
More results


Similar Description - RAM-MOUNT-06

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
TREK-303 ADVANTECH-TREK-303 Datasheet
543Kb / 2P
7" Smart Vehicle Display
TREK-303D-HA0E ADVANTECH-TREK-303D-HA0E Datasheet
813Kb / 2P
7" In-Vehicle Smart Display
TREK-303R-HA0E ADVANTECH-TREK-303R-HA0E Datasheet
1,017Kb / 2P
7" In-Vehicle Smart Display
TREK-306D-HA0E ADVANTECH-TREK-306D-HA0E Datasheet
883Kb / 2P
10" In-Vehicle Smart Display
logo
Molex Electronics Ltd.
0685324510 MOLEX1-0685324510 Datasheet
46Kb / 1P
In-Vehicle Single Port USB Smart Charger with Backlight, 2.4A
logo
Advantech Co., Ltd.
TREK-303R-FL ADVANTECH-TREK-303R-FL Datasheet
267Kb / 2P
7" In-Vehicle Smart Display with Smart Display 2.0
8-Jun-2022
TREK-303RH ADVANTECH-TREK-303RH Datasheet
733Kb / 2P
7" In-Vehicle Smart Display
11-Dec-2018
TREK-306DH ADVANTECH-TREK-306DH Datasheet
724Kb / 2P
10" In-Vehicle Smart Display
26-Feb-2018
TREK-306P-FL ADVANTECH-TREK-306P-FL Datasheet
578Kb / 2P
10" In-Vehicle Smart Display with Smart Display Port 2.0
30-May-2022
TREK-306PH ADVANTECH-TREK-306PH Datasheet
461Kb / 2P
10" In-Vehicle Smart Display
23-Aug-2019
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com