Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RAM-MOUNT-06 Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # RAM-MOUNT-06
Description  10" In-Vehicle Smart Display with Smart Display Port 2.0
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

RAM-MOUNT-06 Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  RAM-MOUNT-06 Datasheet HTML 1Page - Advantech Co., Ltd. RAM-MOUNT-06 Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Features
TREK-306D FL
Specifications
LCD
Display
10.4"
Resolution
XGA (1024x768)
Design Compatible Models
TREK60
Video Interface
Single Channel, 24bit LVDS
Pixel Pitch
500nits 0.0685 (H) x 0.2055 (V)
View Angle (H/V)
500nits: 176(H)/ 176(V) (CR>10) Super MVA technology
Contrast Ratio
500nits: 1000
Backlight Type
LED
Brightness (cd/m2)
500nits standard, 50K Hrs backlight life
Light Sensor
MRM SDK Support: LightSensor
Thermal Sensor
MRM SDK Support: Thermal Sensor
Front Panel
Speaker
Built-in 2-Watt Speaker x2pcs
Mic
Built-in one mic
Hot Keys
5 x programmable function keys with green LED;
MRM SDK Support: HotKey (LED duty, key status,function programming)
Brightness Control
1 x built-in light sensor for auto-dimming implementation
Touchscreen
Size
10.4" (4:3) format
Type
5-wire Resistive
Transparency
80% ±3%
Hardness
3H
Durability
Resistance: Knock Test > 35,000,000 times (Stylus=R0.8, <=50g)
IK Shock Protection Rate
IK06
I/O
Smart Display Port 2.0
By High Speed Data (HSD) (4+2) Connector
Thinner cable for easy installation and maintenance
Single cable connection and can support up to 10-meter cable length.
Auto detection of display model for display hot plug and resolution setting. (Default: w/o 3xx --> with 3xx)
Support stereo audio output interface. (via HDMI)
USB 2.0 over SDP 2.0 for easy function/IO expansion (e.g. NFC, web camera, microphone) on Next Gen. TREK-3xx
Support 12V (2A) power output for Next Gen. TREK-3xx
Integrated MIC
Support Voice call (Echo cancellation)
Support Voice Recognition
USB 2.0 Host
1 x USB 2.0 Host
Power button
1 x Power button (To power on/off TREK computing box)
Reset button
1 x Reset button (To Reset TREK- box PC)
Can reset the TREK-60 during the power on mode
Can reset the VPM by pressing reset button 3 times within 5 sec.
Can turn on the TREK-60 during the power off mode
Power
DC input
12V /1.5 A (via SDP 2.0 Port)
Power consumption
11W (Nominal), 18W max
Mechanical
Dimension (H x W x D) mm
303 x 226 x 35 mm
Material
PC
Weight
1.7 Kg
Mounting
VESA (75x75mm), RAM Mount
Environment
Operating temp.
-30 to 70 °C
Storage Temp.
-40 to 80 °C
Humidity
95 ± 5%
Fanless
Fanless
IP rating
IP55 with I/O Cover
Certification
Vibration/Shock
MIL-STD-810G, SAE J1455 4.9.4.2, EN60721-3-5(5M3)
EMC
CE/FCC/IC/CCC
Safety
UL/cUL/CB
10" In-Vehicle Smart Display with
Smart Display Port 2.0
ƒ
Vehicle-grade 10” (4:3) XGA TFT LCD with rugged resistive type touchscreen
ƒ
500 nits brightness
ƒ
Built-in light sensor for automatic dimming
ƒ
Easily installed and paired with TREK computing box via a single-cable
connection
ƒ
Extended I/O ports (USB 2.0 Type A, power button and reset button) for easy
TREK computing box maintenance
ƒ
Wide working temperature range (-30° C ~ 70° C)
ƒ
Smart Display port 2.0, smaller connector, thinner cable, longer length and
easy connect/disconnect
All product specifications are subject to change without notice.
Last updated: 30-May-2022


Similar Part No. - RAM-MOUNT-06

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
RAM-MOUNT-06E ADVANTECH-RAM-MOUNT-06E Datasheet
683Kb / 2P
7 Mobile Data Terminal with Intel Atom Z510PT/Z520PT
RAM-MOUNT-06E ADVANTECH-RAM-MOUNT-06E Datasheet
683Kb / 2P
7" Mobile Data Terminal with Intel Atom
RAM-MOUNT-06E ADVANTECH-RAM-MOUNT-06E Datasheet
1Mb / 5P
10" Industrial Tablet with 4th Generation Intel Core i Processor
RAM-MOUNT-06E ADVANTECH-RAM-MOUNT-06E Datasheet
1Mb / 5P
10 Industrial Tablet with 4th Generation Intel® Core™ i Processor
4-Jun-2020
RAM-MOUNT-06E ADVANTECH-RAM-MOUNT-06E Datasheet
1Mb / 2P
Application Ready Platform (ARP) for In-vehicle Applications
6-Jan-2016
More results

Similar Description - RAM-MOUNT-06

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
TREK-303 ADVANTECH-TREK-303 Datasheet
543Kb / 2P
7" Smart Vehicle Display
TREK-303D-HA0E ADVANTECH-TREK-303D-HA0E Datasheet
813Kb / 2P
7" In-Vehicle Smart Display
TREK-303R-HA0E ADVANTECH-TREK-303R-HA0E Datasheet
1,017Kb / 2P
7" In-Vehicle Smart Display
TREK-306D-HA0E ADVANTECH-TREK-306D-HA0E Datasheet
883Kb / 2P
10" In-Vehicle Smart Display
logo
Molex Electronics Ltd.
0685324510 MOLEX1-0685324510 Datasheet
46Kb / 1P
In-Vehicle Single Port USB Smart Charger with Backlight, 2.4A
logo
Advantech Co., Ltd.
TREK-303R-FL ADVANTECH-TREK-303R-FL Datasheet
267Kb / 2P
7" In-Vehicle Smart Display with Smart Display 2.0
8-Jun-2022
TREK-303RH ADVANTECH-TREK-303RH Datasheet
733Kb / 2P
7" In-Vehicle Smart Display
11-Dec-2018
TREK-306DH ADVANTECH-TREK-306DH Datasheet
724Kb / 2P
10" In-Vehicle Smart Display
26-Feb-2018
TREK-306P-FL ADVANTECH-TREK-306P-FL Datasheet
578Kb / 2P
10" In-Vehicle Smart Display with Smart Display Port 2.0
30-May-2022
TREK-306PH ADVANTECH-TREK-306PH Datasheet
461Kb / 2P
10" In-Vehicle Smart Display
23-Aug-2019
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com