Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD9971 Datasheet (PDF) - Renesas Technology Corp

UPD9971 Datasheet PDF - Renesas Technology Corp
Part # UPD9971
Download  UPD9971 Download
File Size   892.81 Kbytes
Page   112 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description MOS INTEGRATED CIRCUIT

UPD9971 Datasheet (PDF)

Go To PDF Page Download Datasheet
UPD9971 Datasheet PDF - Renesas Technology Corp

Part # UPD9971
Download  UPD9971 Click to download

File Size   892.81 Kbytes
Page   112 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description MOS INTEGRATED CIRCUIT

UPD9971 Datasheet (HTML) - Renesas Technology Corp


UPD9971 Product details

FEATURES
• PCM sound generation method provides realistic sound reproduction
- Contains 32 kHz sampling Wavetable, it include 128 GM tone and 47 drum set and 32 effect tone.
- A richer tone is achieved by using 2 Wave a tone.
- The wave and the parameter can be downloaded, and the sound-making not limited to a fixed tone is
possible.
- Can play up to four melodies because of four MIDITM ports that are embedded in the sound generator core.
- The port for a real-time control of MIDI that assumes karaoke and the JAVAapplication program is installed.
- Contains a digital parametric equalizer for equalizing speakers.
- The function for a low output of the level to always enable the reproduction in the vicinity of the maximum
volume is built into.
- Various sound effects (pitch pipe bend, vibrato, Delay, reverberation, chorus, Doppra, and compressor) can
be achieved.
- Supports MOBILE-XMF.
• Contains real-time-processing 3D positioning surround functions
- The effect of the sound that the sound source moves three-dimensionally by the digital signal processing
can be achieved.
- The stereophonic effect with the extension can be obtained by the digital signal processing.
- The programmable solid sound parameter is installed, and the best setting is possible in the case and the
speaker arrangement etc. of the cellular phone.
- When the headphone is used, the stereophonic effect can be obtained.
• Includes a high-performance D/A converter with 16-bit resolution
- Supports five sampling frequency (fs) modes: 8 kHz, 16 kHz, 32 kHz, 44.1 kHz, and 48 kHz
• Provides an audio serial I/O interface (16 bits).
- The serial data input frequency is variable from 32 fs to 64 fs (during slave mode).
- Supported formats are right-justified, left-justified, and IIS
• Provides an external serial input/output interface for the sound generator
• Provides stereo line output for audio
• Supports 8-bit parallel interface or 3 or 4-wire serial interface (SPI).
• Output control functions for vibration and LED.
• Built-in PLL, so various types of input clocks can be supported.
• Contains a regulator for digital power supply (DVDD).




Similar Part No. - UPD9971

ManufacturerPart #DatasheetDescription
logo
NEC
UPD9903 NEC-UPD9903 Datasheet
135Kb / 28P
UPD9903 ANALOG SUBSCRIBER LINE LSI DIGITAL CODEC
UPD9903GT NEC-UPD9903GT Datasheet
135Kb / 28P
UPD9903 ANALOG SUBSCRIBER LINE LSI DIGITAL CODEC
UPD9930 NEC-UPD9930 Datasheet
336Kb / 78P
LINEAR CODEC FOR DIGITAL CELLULAR TELEPHONE
logo
Renesas Technology Corp
UPD9930 RENESAS-UPD9930 Datasheet
539Kb / 80P
MOS INTEGRATED CIRCUIT
1996
logo
NEC
UPD9930G-22 NEC-UPD9930G-22 Datasheet
336Kb / 78P
LINEAR CODEC FOR DIGITAL CELLULAR TELEPHONE
More results


Similar Description - UPD9971

ManufacturerPart #DatasheetDescription
logo
NEC
UPD720122 NEC-UPD720122 Datasheet
650Kb / 82P
MOS Integrated Circuit
UPD720110 NEC-UPD720110 Datasheet
405Kb / 32P
MOS INTEGRATED CIRCUIT
UPD703130 NEC-UPD703130 Datasheet
601Kb / 72P
MOS INTEGRATED CIRCUIT
UPD16874 NEC-UPD16874 Datasheet
218Kb / 19P
MOS INTEGRATED CIRCUIT
UPD16601 NEC-UPD16601 Datasheet
98Kb / 13P
MOS Integrated Circuit
UPD65881GB-P02 NEC-UPD65881GB-P02 Datasheet
76Kb / 8P
MOS Integrated Circuit
UPD121W18AT1F NEC-UPD121W18AT1F Datasheet
265Kb / 16P
MOS INTEGRATED CIRCUIT
UPD121A10 NEC-UPD121A10 Datasheet
214Kb / 10P
MOS INTEGRATED CIRCUIT
logo
Renesas Technology Corp
UPD166021T1F RENESAS-UPD166021T1F Datasheet
382Kb / 25P
MOS INTEGRATED CIRCUIT
PD166105GS RENESAS-PD166105GS_15 Datasheet
134Kb / 17P
MOS INTEGRATED CIRCUIT
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com