Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD9903 Datasheet (PDF) - NEC

UPD9903 Datasheet PDF - NEC
Part # UPD9903
Download  UPD9903 Download
File Size   135.66 Kbytes
Page   28 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description UPD9903 ANALOG SUBSCRIBER LINE LSI DIGITAL CODEC

UPD9903 Datasheet (PDF)

Go To PDF Page Download Datasheet
UPD9903 Datasheet PDF - NEC

Part # UPD9903
Download  UPD9903 Click to download

File Size   135.66 Kbytes
Page   28 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description UPD9903 ANALOG SUBSCRIBER LINE LSI DIGITAL CODEC

UPD9903 Datasheet (HTML) - NEC


UPD9903 Product details

μPD9903 ANALOG SUBSCRIBER LINE LSI (DIGITAL CODEC)

The µPD9903 is a digital CODEC that can be used in analog subscriber circuits such as private branch exchangers (PBXs) and switching equipment for central offices. It features three of the functions required for analog subscriber circuits: 2W/4W conversion, CODEC supervision, and subscriber line supervision.
Use of the µPD9903 in combination with a BS-SLIC (µPC7073) can reduce the number of components required in analog subscriber circuits.

FEATURES
• Single-chip monolithic LSI (CMOS)
• PCM CODEC → oversampling-type A/D and D/A converters
• Programmable functions
   • Termination impedance
   • Hybrid balance network
   • Feed resistance
   • Feed current
   • PAD control
   • A-law and µ-law
• Digital gain set function
• Ring-Trip function
• Single power supply (+5 V)
• Low power consumption during standby mode: 20 mW (TYP.)




Similar Part No. - UPD9903

ManufacturerPart #DatasheetDescription
logo
NEC
UPD9930 NEC-UPD9930 Datasheet
336Kb / 78P
LINEAR CODEC FOR DIGITAL CELLULAR TELEPHONE
logo
Renesas Technology Corp
UPD9930 RENESAS-UPD9930 Datasheet
539Kb / 80P
MOS INTEGRATED CIRCUIT
1996
logo
NEC
UPD9930G-22 NEC-UPD9930G-22 Datasheet
336Kb / 78P
LINEAR CODEC FOR DIGITAL CELLULAR TELEPHONE
logo
Renesas Technology Corp
UPD9930G-22 RENESAS-UPD9930G-22 Datasheet
539Kb / 80P
MOS INTEGRATED CIRCUIT
1996
UPD9971 RENESAS-UPD9971 Datasheet
892Kb / 112P
MOS INTEGRATED CIRCUIT
2005
More results


Similar Description - UPD9903

ManufacturerPart #DatasheetDescription
logo
NEC
UPC7073 NEC-UPC7073 Datasheet
103Kb / 20P
UPC7073 ANALOG SUBSCRIBER LINE LSI BS-SLIC
logo
Siemens Semiconductor G...
PEB3065 SIEMENS-PEB3065 Datasheet
563Kb / 102P
Signal Processing Subscriber Line Interface Codec Filter SLICOF
logo
Ericsson
PBL38620-2 ERICSSON-PBL38620-2 Datasheet
135Kb / 16P
Subscriber Line Interface Circuit
logo
Mitel Networks Corporat...
MT8910-1 MITEL-MT8910-1 Datasheet
419Kb / 26P
CMOS ST-BUS??FAMILY Digital Subscriber Line Interface Circuit
logo
Synaptics Incorporated.
RS8953B CONEXANT-RS8953B Datasheet
1Mb / 173P
High-Bit-Rate Digital Subscriber Line (HDSL) channel unit
logo
National Semiconductor ...
TP3210 NSC-TP3210 Datasheet
796Kb / 19P
SUBSCRIBER LINE INTERFACE MODULE
logo
List of Unclassifed Man...
CPF105C ETC1-CPF105C Datasheet
57Kb / 10P
Asymmetric Digital Subscriber Line
logo
Ericsson
PBL3764 ERICSSON-PBL3764 Datasheet
1Mb / 17P
SUBSCRIBER LINE INTERFACE CIRCUIT
logo
Infineon Technologies A...
PBL38620 INFINEON-PBL38620 Datasheet
1Mb / 46P
Subscriber Line Interface Circuit
Rev. 2.0, Apr. 2005
PBL38640 INFINEON-PBL38640 Datasheet
1Mb / 51P
Subscriber Line Interface Circuit
Rev. 2.0, Apr. 2005
More results




About NEC


NEC Corporation is a Japanese multinational information technology and electronics company. The company was founded in 1899 and is headquartered in Tokyo, Japan. NEC provides a wide range of products and services including information technology, telecommunications, and electronics. Its portfolio includes computer hardware, software, and services, network solutions, display solutions, and enterprise servers and storage solutions.

NEC is known for its expertise in the field of information technology and its ability to deliver innovative and high-quality products and services. The company has operations and facilities in various countries across the world and has a strong presence in the Asia-Pacific region. NEC works closely with its customers to provide customized solutions that meet their specific requirements and needs.

In addition to its core business, NEC is also active in the fields of research and development, and is involved in various projects related to advanced technologies such as artificial intelligence, 5G networks, and the Internet of Things (IoT). NEC is committed to delivering sustainable solutions that support the development of society and improve the quality of life for people around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com