Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPC7073 Datasheet (PDF) - NEC

UPC7073 Datasheet PDF - NEC
Part # UPC7073
Download  UPC7073 Download
File Size   103.78 Kbytes
Page   20 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description UPC7073 ANALOG SUBSCRIBER LINE LSI BS-SLIC

UPC7073 Datasheet (PDF)

Go To PDF Page Download Datasheet
UPC7073 Datasheet PDF - NEC

Part # UPC7073
Download  UPC7073 Click to download

File Size   103.78 Kbytes
Page   20 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description UPC7073 ANALOG SUBSCRIBER LINE LSI BS-SLIC

UPC7073 Datasheet (HTML) - NEC


UPC7073 Product details

µPC7073 ANALOG SUBSCRIBER LINE LSI (BS-SLIC)

The µPC7073 is a BS-SLIC that can be used in analog subscriber circuits such as private branch exchangers (PBXs) and switching equipment for central offices. It features two of the functions required for analog subscriber circuits: subscriber line feed control and subscriber line supervision.
Use of the µPC7073 in combination with a digital CODEC (µPD9903) can reduce the number of components required in analog subscriber circuits.

FEATURES
• Single-chip, monolithic LSI (bipolar)
• Constant-resistance feed or semi constant-current feed Note
• 200-Ω feed, 400-Ω feed, or Tip-to-Ring pin feedout status (HIGH and WET)
• On-chip metering signal superposing circuit
• On-hook sending and receiving
• Loop detection Note
• Ground detection and ground-fault/power contact protection Note
• Three on-chip relay drivers (flyback prevention diode must be externally provided)
• Two power supply voltages (–48 V and +5 V)
• Low power consumption: 110 mW (TYP., when on hook)




Similar Part No. - UPC7073

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
UPC71A ETC1-UPC71A Datasheet
44Kb / 1P
INDUSTRIAL LINEAR ICS
logo
NEC
UPC741 NEC-UPC741 Datasheet
296Kb / 10P
GENERAL PURPOSE OPERATIONAL AMPLIFIER
logo
Renesas Technology Corp
UPC741 RENESAS-UPC741 Datasheet
515Kb / 12P
BIPOLAR ANALOG INTEGRATED CIRCUIT
1993
logo
NEC
UPC741C NEC-UPC741C Datasheet
296Kb / 10P
GENERAL PURPOSE OPERATIONAL AMPLIFIER
logo
List of Unclassifed Man...
UPC741C ETC1-UPC741C Datasheet
44Kb / 1P
INDUSTRIAL LINEAR ICS
More results


Similar Description - UPC7073

ManufacturerPart #DatasheetDescription
logo
NEC
UPD9903 NEC-UPD9903 Datasheet
135Kb / 28P
UPD9903 ANALOG SUBSCRIBER LINE LSI DIGITAL CODEC
logo
Intersil Corporation
HC-5509B INTERSIL-HC-5509B Datasheet
105Kb / 10P
SLIC Subscriber Line Interface Circuit
March 1996
HC5509A1R3060 INTERSIL-HC5509A1R3060 Datasheet
61Kb / 10P
SLIC Subscriber Line Interface Circuit
June 1997
HC5521 INTERSIL-HC5521 Datasheet
15Kb / 1P
SLIC Subscriber Line Interface Circuit
January 1997
logo
Harris Corporation
HC5519 HARRIS-HC5519 Datasheet
23Kb / 1P
SLIC Subscriber Line Interface Circuit
logo
Intersil Corporation
HC-5504DLC INTERSIL-HC-5504DLC Datasheet
265Kb / 9P
SLIC Subscriber Line Interface Circuit
May 1997
HC-5509A1 INTERSIL-HC-5509A1 Datasheet
257Kb / 10P
SLIC Subscriber Line Interface Circuit
May 1997
logo
Zarlink Semiconductor I...
MH88612B ZARLINK-MH88612B Datasheet
163Kb / 10P
Subscriber Line Interface Circuit (SLIC)
logo
Intersil Corporation
HC-5509B3999-003 INTERSIL-HC-5509B3999-003 Datasheet
257Kb / 10P
SLIC Subscriber Line Interface Circuit
July 2003
logo
Gunter Seniconductor Gm...
TFB3869 GSG-TFB3869 Datasheet
136Kb / 14P
Subscriber Line Interface Circuit (SLIC)
More results




About NEC


NEC Corporation is a Japanese multinational information technology and electronics company. The company was founded in 1899 and is headquartered in Tokyo, Japan. NEC provides a wide range of products and services including information technology, telecommunications, and electronics. Its portfolio includes computer hardware, software, and services, network solutions, display solutions, and enterprise servers and storage solutions.

NEC is known for its expertise in the field of information technology and its ability to deliver innovative and high-quality products and services. The company has operations and facilities in various countries across the world and has a strong presence in the Asia-Pacific region. NEC works closely with its customers to provide customized solutions that meet their specific requirements and needs.

In addition to its core business, NEC is also active in the fields of research and development, and is involved in various projects related to advanced technologies such as artificial intelligence, 5G networks, and the Internet of Things (IoT). NEC is committed to delivering sustainable solutions that support the development of society and improve the quality of life for people around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com