Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD9991F9-BA1 Datasheet (PDF) - Renesas Technology Corp

UPD9991F9-BA1 Datasheet PDF - Renesas Technology Corp
Part # UPD9991F9-BA1
Download  UPD9991F9-BA1 Download
File Size   600.5 Kbytes
Page   64 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description MOS INTEGRATED CIRCUIT

UPD9991F9-BA1 Datasheet (PDF)

Go To PDF Page Download Datasheet
UPD9991F9-BA1 Datasheet PDF - Renesas Technology Corp

Part # UPD9991F9-BA1
Download  UPD9991F9-BA1 Click to download

File Size   600.5 Kbytes
Page   64 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description MOS INTEGRATED CIRCUIT

UPD9991F9-BA1 Datasheet (HTML) - Renesas Technology Corp


UPD9991F9-BA1 Product details

FEATURES
• PCM sound generation method provides realistic sound reproduction
• Up to 68 tones can be played at the same time, so an abundant variety of tunes can be generated and played
• Implements ADPCM decode functions. Simultaneous playback with MIDI is also enabled.
• Includes a high-performance D/A converter with 16-bit resolution
• Supports five sampling frequency modes: 8 kHz, 16 kHz, 32 kHz, 44.1 kHz, and 48 kHz (ASI only)
• Provides audio serial I/O interface (16 bits).
The serial data input frequency is variable between 32 fs and 64 fs (during slave mode).
Supported formats are right-justified, left-justified, and IIS.
• Includes function for mixing PCM sound source output signals and audio serial input signals (only fs = 32 kHz
sampling is supported).
• Includes a surround function that uses real-time processing (to produce surround effects based on real-time processing for all sources including PCM sound sources and audio serial input).
• Host CPU is connected via an 8-bit parallel interface.
• Includes output control functions for vibrator and LED
• PLL is built-in, so various types of input clocks can be supported.
• I/O power supply voltage: 3 V (Digital pins support 3 V and 1.8 V.)
• Power supply voltages: DVDD: 1.425 to 1.575 V, EVDD: 1.71 to 3.3 V, AVDD: 2.85 to 3.15 V,
AVDD-P: 2.85 to 3.15 V
• 65-pin tape FBGA package (6 × 6 mm body size, 0.5 ball pitch)




Similar Part No. - UPD9991F9-BA1

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD9993 RENESAS-UPD9993 Datasheet
832Kb / 102P
MOS INTEGRATED CIRCUIT
2004
UPD9993F9-BA3 RENESAS-UPD9993F9-BA3 Datasheet
832Kb / 102P
MOS INTEGRATED CIRCUIT
2004
More results


Similar Description - UPD9991F9-BA1

ManufacturerPart #DatasheetDescription
logo
NEC
UPD720122 NEC-UPD720122 Datasheet
650Kb / 82P
MOS Integrated Circuit
UPD720110 NEC-UPD720110 Datasheet
405Kb / 32P
MOS INTEGRATED CIRCUIT
UPD703130 NEC-UPD703130 Datasheet
601Kb / 72P
MOS INTEGRATED CIRCUIT
UPD16874 NEC-UPD16874 Datasheet
218Kb / 19P
MOS INTEGRATED CIRCUIT
UPD16601 NEC-UPD16601 Datasheet
98Kb / 13P
MOS Integrated Circuit
UPD65881GB-P02 NEC-UPD65881GB-P02 Datasheet
76Kb / 8P
MOS Integrated Circuit
UPD121W18AT1F NEC-UPD121W18AT1F Datasheet
265Kb / 16P
MOS INTEGRATED CIRCUIT
UPD121A10 NEC-UPD121A10 Datasheet
214Kb / 10P
MOS INTEGRATED CIRCUIT
logo
Renesas Technology Corp
UPD166021T1F RENESAS-UPD166021T1F Datasheet
382Kb / 25P
MOS INTEGRATED CIRCUIT
PD166105GS RENESAS-PD166105GS_15 Datasheet
134Kb / 17P
MOS INTEGRATED CIRCUIT
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com