Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD9993 Datasheet (PDF) - Renesas Technology Corp

UPD9993 Datasheet PDF - Renesas Technology Corp
Part # UPD9993
Download  UPD9993 Download
File Size   832.79 Kbytes
Page   102 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description MOS INTEGRATED CIRCUIT

UPD9993 Datasheet (PDF)

Go To PDF Page Download Datasheet
UPD9993 Datasheet PDF - Renesas Technology Corp

Part # UPD9993
Download  UPD9993 Click to download

File Size   832.79 Kbytes
Page   102 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description MOS INTEGRATED CIRCUIT

UPD9993 Datasheet (HTML) - Renesas Technology Corp


UPD9993 Product details

FEATURES
• PCM sound generation method provides realistic sound reproduction
• Built-in digital signal processor for MP3/AAC decoder
• Built-in real-time wide surround function
(for all sources including PCM sound generators, MP3/AAC sources, and audio serial input)
• Up to 68 tones (= 64 polyphonic tones + 4 ADPCM) can be played at the same time, so an abundant variety of tunes can be generated and played
• Supports ADPCM playback. Simultaneous playback with MIDI is also enabled
• Includes a high-performance D/A converter with 16-bit resolution
• Supports five sampling frequency modes: 8 kHz, 16 kHz, 32 kHz, 44.1 kHz, and 48 kHz (ASI and MP3/AAC
decoder)
• Provides audio serial I/O interface (16 bits). The serial data input frequency is variable between 32 fs and 64 fs (during slave mode). Supported formats are right-justified, left-justified, and IIS.
• Includes function for mixing MIDI/ADPCM/MP3/AAC signals and audio serial input signals (only fs = 32 kHz sampling is supported).
• Supports 8-bit parallel interface. The host CPU is connected via an 8-bit parallel interface when PS = 0.
• Supports SPI. The host CPU is connected via a 3-wire or a 4-wire serial peripheral interface (SPI) when PS = 1.
• Supports three outputs modes (single end MONO, differential MONO, and STEREO)
• Includes output control functions for vibrator and LED
• Built-in PLL, so various types of input clocks can be supported
• Supports two I/O power supply voltages: 1.8 to 3 V (supports only digital pins)




Similar Part No. - UPD9993

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD9991 RENESAS-UPD9991 Datasheet
600Kb / 64P
MOS INTEGRATED CIRCUIT
2004
UPD9991F9-BA1 RENESAS-UPD9991F9-BA1 Datasheet
600Kb / 64P
MOS INTEGRATED CIRCUIT
2004
More results


Similar Description - UPD9993

ManufacturerPart #DatasheetDescription
logo
NEC
UPD720122 NEC-UPD720122 Datasheet
650Kb / 82P
MOS Integrated Circuit
UPD720110 NEC-UPD720110 Datasheet
405Kb / 32P
MOS INTEGRATED CIRCUIT
UPD703130 NEC-UPD703130 Datasheet
601Kb / 72P
MOS INTEGRATED CIRCUIT
UPD16874 NEC-UPD16874 Datasheet
218Kb / 19P
MOS INTEGRATED CIRCUIT
UPD16601 NEC-UPD16601 Datasheet
98Kb / 13P
MOS Integrated Circuit
UPD65881GB-P02 NEC-UPD65881GB-P02 Datasheet
76Kb / 8P
MOS Integrated Circuit
UPD121W18AT1F NEC-UPD121W18AT1F Datasheet
265Kb / 16P
MOS INTEGRATED CIRCUIT
UPD121A10 NEC-UPD121A10 Datasheet
214Kb / 10P
MOS INTEGRATED CIRCUIT
logo
Renesas Technology Corp
UPD166021T1F RENESAS-UPD166021T1F Datasheet
382Kb / 25P
MOS INTEGRATED CIRCUIT
PD166105GS RENESAS-PD166105GS_15 Datasheet
134Kb / 17P
MOS INTEGRATED CIRCUIT
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com