Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M56750FP Datasheet (PDF) - Renesas Technology Corp

M56750FP Datasheet PDF - Renesas Technology Corp
Part # M56750FP
Download  M56750FP Download
File Size   118.6 Kbytes
Page   9 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 3-PHASE BRUSHLESS MOTOR DRIVER

M56750FP Datasheet (PDF)

Go To PDF Page Download Datasheet
M56750FP Datasheet PDF - Renesas Technology Corp

Part # M56750FP
Download  M56750FP Click to download

File Size   118.6 Kbytes
Page   9 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 3-PHASE BRUSHLESS MOTOR DRIVER

M56750FP Datasheet (HTML) - Renesas Technology Corp


M56750FP Product details

Outline

M56750FP is a 3 phase brushless motor driver that include charge pump circuit, which is inputted a acceleration and deceleration pulse signal from a external discriminator circuit. The pulse width is converted to the voltage by the above charge pump circuit and a external filter. And, the current in proportion to this voltage is outputted.





Features

•  Wide voltage range: From 12V to 24V.

•  High current capability : 1.0A

•  Inclusion of current limit circuit.

•  Inclusion of charge pump circuit.

•  Inclusion of Hall-sensors drive circuit.

(This function is linked with a power save function.)

•  Inclusion of power save function.

•  Inclusion FG amplifier.

•  Inclusion of Thermal Shut Down (TSD) circuit.





Application

Scanner motor of Laser Beam Printer.




Similar Part No. - M56750FP

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
M56750FP HITACHI-M56750FP Datasheet
119Kb / 9P
3-PHASE BRUSHLESS MOTOR DRIVER
More results


Similar Description - M56750FP

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LB1619M SANYO-LB1619M Datasheet
141Kb / 6P
3-Phase Brushless Motor Driver
LB1687 SANYO-LB1687 Datasheet
86Kb / 4P
3-Phase Brushless Motor Driver???
LB1687M SANYO-LB1687M Datasheet
101Kb / 5P
3-Phase Brushless Motor Driver???
LB1688 SANYO-LB1688 Datasheet
96Kb / 4P
3-Phase Brushless Motor Driver????
LB1689D SANYO-LB1689D Datasheet
110Kb / 4P
3-Phase Brushless Motor Driver????
logo
Renesas Technology Corp
M56733AFP RENESAS-M56733AFP Datasheet
186Kb / 7P
3-Phase Brushless Motor Driver
logo
Sanyo Semicon Device
LB1980JH SANYO-LB1980JH Datasheet
106Kb / 7P
3-Phase Brushless Motor Driver
logo
ON Semiconductor
LB8111V ONSEMI-LB8111V Datasheet
160Kb / 15P
3-phase Brushless Motor Driver
August, 2014
LV8112VB ONSEMI-LV8112VB Datasheet
206Kb / 15P
3-phase Brushless Motor Driver
November 2014 - Rev. 1
LB1927 ONSEMI-LB1927 Datasheet
271Kb / 11P
3-phase Brushless Motor Driver
May, 2013
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com