Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT48R01 Datasheet (PDF) - Holtek Semiconductor Inc

HT48R01 Datasheet PDF - Holtek Semiconductor Inc
Part # HT48R01
Download  HT48R01 Download
File Size   313.41 Kbytes
Page   38 Pages
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc
Description 10-Pin MSOP I/O Type 8-Bit OTP MCU

HT48R01 Datasheet (PDF)

Go To PDF Page Download Datasheet
HT48R01 Datasheet PDF - Holtek Semiconductor Inc

Part # HT48R01
Download  HT48R01 Click to download

File Size   313.41 Kbytes
Page   38 Pages
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc
Description 10-Pin MSOP I/O Type 8-Bit OTP MCU

HT48R01 Datasheet (HTML) - Holtek Semiconductor Inc


HT48R01 Product details

General Description

The HT48R01/HT48R02/HT48R03 are 8-bit high performance, RISC architecture microcontroller devices specifically designed for I/O control. The advantages of low power consumption, I/O flexibility, timer functions, oscillator options, Power-down and wake-up functions, Watchdog Timer, buzzer driver, as well as low cost, enhance the versatility of these devices to suit a wide range of application possibilities such as industrial control, consumer products, subsystem controllers, etc.



Features

Operating voltage:

   fSYS=4MHz: 2.2V~5.5V

   fSYS=8MHz: 3.3V~5.5V

   fSYS=12MHz: 4.5V~5.5V

7 bidirectional I/O lines and 1 input

Interrupt input shared with I/O line

4 oscillator configuration options

   -External crystal OSC

   -External RC OSC

   -Internal RC+I/O (PA5, PA6)

   -Internal RC+RTC OSC (32768Hz)

Internal RC oscillator

   -3 frequency selections: 4MHz/8MHz/12MHz

   -4MHz with 10% variation (2.2V~5.5V, 25C)

   -8MHz with 10% variation (3.3V~5.5V, 25C)

   -12MHz with 10% variation (4.5V~5.5V, 25C)

Watchdog Timer

Program memory ROM: Up to 409615

Data memory RAM: Up to 1608

Buzzer driving pair and PFD supported

Power-down and wake-up functions reduce power consumption

Up to 0.5s instruction cycle with 8MHz system clock at VDD=5V

All instructions executed within one or two machine cycles

14-bit or 15-bit table read instruction

Up to 8-levels of subroutine nesting

Bit manipulation instruction

Low voltage reset function

10-pin MSOP package




Similar Part No. - HT48R01

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT48R01A HOLTEK-HT48R01A Datasheet
401Kb / 49P
Small Package I/O Type 8-Bit OTP MCU
August 4, 2008
HT48R01B HOLTEK-HT48R01B Datasheet
425Kb / 71P
Small Package 8-Bit OTP MCU
December 15, 2009
HT48R01B HOLTEK-HT48R01B Datasheet
427Kb / 71P
Small Package 8-Bit OTP MCU
HT48R01B-1 HOLTEK-HT48R01B-1 Datasheet
437Kb / 71P
Small Package 8-Bit OTP MCU
June 9, 2011
HT48R01C HOLTEK-HT48R01C Datasheet
534Kb / 14P
Small Form 8-Bit OTP MCU
More results


Similar Description - HT48R01

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT46R01 HOLTEK-HT46R01 Datasheet
487Kb / 60P
10-Pin MSOP A/D Type 8-Bit OTP MCU
September 21, 2007
HT48R502 HOLTEK-HT48R502 Datasheet
295Kb / 39P
I/O Type 8-Bit OTP MCU
September 27, 2006
HT48R063 HOLTEK-HT48R063 Datasheet
539Kb / 93P
Enhanced I/O Type 8-Bit OTP MCU
June 9, 2009
HT82K70E-L HOLTEK-HT82K70E-L Datasheet
417Kb / 58P
I/O Type 8-Bit OTP MCU
September 15, 2009
HT82M75R HOLTEK-HT82M75R Datasheet
474Kb / 66P
I/O Type 8-Bit OTP MCU
HT82M75R_1011 HOLTEK-HT82M75R_1011 Datasheet
475Kb / 66P
I/O Type 8-Bit OTP MCU
HT48R063B HOLTEK-HT48R063B Datasheet
483Kb / 84P
Enhanced I/O Type 8-Bit OTP MCU
HT48R063 HOLTEK-HT48R063_12 Datasheet
621Kb / 96P
Enhanced I/O Type 8-Bit OTP MCU
October 23, 2012
HT48R063B HOLTEK-HT48R063B_12 Datasheet
563Kb / 86P
Enhanced I/O Type 8-Bit OTP MCU
October 23, 2012
HT48R063B HOLTEK-HT48R063B_13 Datasheet
613Kb / 82P
Enhanced I/O Type 8-Bit OTP MCU
June 3, 2013
More results




About Holtek Semiconductor Inc


Holtek Semiconductor Inc. is a Taiwanese semiconductor company that specializes in the design and manufacture of microcontrollers, mixed-signal integrated circuits, and other semiconductor products. The company was founded in 1998 and is headquartered in Taipei, Taiwan.

Holtek Semiconductor's products are used in a wide range of applications, including consumer electronics, home appliances, security systems, and industrial automation. The company's product portfolio includes a variety of microcontrollers, such as 8-bit, 16-bit, and 32-bit microcontrollers, as well as mixed-signal integrated circuits, such as power management ICs, motor control ICs, and LED driver ICs.

Holtek Semiconductor is committed to quality and reliability, and it has obtained various certifications, including ISO 9001 and ISO 14001. The company's manufacturing facilities use advanced production equipment and quality control processes to ensure the highest levels of product performance and reliability.

Today, Holtek Semiconductor is recognized as a leading semiconductor company in Taiwan, with a strong reputation for providing high-quality and cost-effective solutions to its customers. The company continues to invest in research and development to stay at the forefront of new technologies and applications in the semiconductor industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com