Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT48R01 Datasheet(PDF) 3 Page - Holtek Semiconductor Inc

Part # HT48R01
Description  10-Pin MSOP I/O Type 8-Bit OTP MCU
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT48R01 Datasheet(HTML) 3 Page - Holtek Semiconductor Inc

  HT48R01 Datasheet HTML 1Page - Holtek Semiconductor Inc HT48R01 Datasheet HTML 2Page - Holtek Semiconductor Inc HT48R01 Datasheet HTML 3Page - Holtek Semiconductor Inc HT48R01 Datasheet HTML 4Page - Holtek Semiconductor Inc HT48R01 Datasheet HTML 5Page - Holtek Semiconductor Inc HT48R01 Datasheet HTML 6Page - Holtek Semiconductor Inc HT48R01 Datasheet HTML 7Page - Holtek Semiconductor Inc HT48R01 Datasheet HTML 8Page - Holtek Semiconductor Inc HT48R01 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 38 page
background image
Pin Description
Pin Name
I/O
Configura-
tion
Options
Description
PA0/BZ
PA1/BZ
I/O
¾
Bidirectional 2-line I/O. Each pin can be setup as a wake-up input using a soft-
ware register. Software instructions determine if each pin is a CMOS output or a
Schmitt trigger input. Pull-high resistors can be connected using a pull-high soft-
ware register. PA0/PA1 are pin-shared with the BZ and BZ buzzer function pins.
PA2/TMR0
I/O
¾
Bidirectional single line I/O. PA2 can be setup as a wake-up input using a soft-
ware register. Software instructions determine if the pin is a CMOS output or
Schmitt trigger input. A pull-high resistor can be connected using a pull-high soft-
ware register. This line is pin-shared with the Timer/event 0 counter input.
PA3/INT
I/O
¾
Bidirectional single line I/O. PA3 can be setup as a wake-up input using a soft-
ware register. Software instructions determine if the pin is a CMOS output or
Schmitt trigger input. A pull-high resistor can be connected using a pull-high soft-
ware register. This line is pin-shared with INT.
PA4/TMR1
I/O
¾
Bidirectional single line I/O. PA4 can be setup as a wake-up input using a soft-
ware register. Software instructions determine if the pin is a CMOS output or
Schmitt trigger input. A pull-high resistor can be connected using a pull-high soft-
ware register. This line is pin-shared with the Timer/event counter 1 input.
OSC1/PA6
OSC2/PA5
I/O
RC, Crystal,
RTC or I/O
Bidirectional 2-line I/O and oscillator pins. If configured as I/Os, software instruc-
tions determine if each pin is a CMOS output or a Schmitt trigger input. Pull-high
resistors can be connected using a pull-high software register. A configuration
option determines the choice of oscillator mode and I/O function. The four oscilla-
tor modes are:
1. Internal RC OSC: both pins configured as I/Os
2. External crystal OSC: both pins configured as OSC1/OSC2
3. Internal RC + RTC OSC: both pins configured as OSC2, OSC1.
4. External RC OSC+PA5: PA6 configured as OSC1 pin, PA5 configured as I/O
Note: When the system clock is sourced from the internal RC OSC, there are 3
frequency options
® 12MHz, 8MHz and 4MHz.
PA7/RES
I
PA7 or RES Active low schmitt trigger reset input or PA7 input.
VDD
¾¾
Positive power supply
VSS
¾¾
Negative power supply, ground
* All pull-high resistors are controlled by an register option bit.
Absolute Maximum Ratings
Supply Voltage ...........................VSS
-0.3V to VSS+6.0V
Storage Temperature ............................
-50°Cto125°C
Input Voltage..............................VSS
-0.3V to VDD+0.3V
Operating Temperature...........................
-40°Cto85°C
IOL Total ..............................................................150mA
IOH Total............................................................
-100mA
Total Power Dissipation .....................................500mW
Note: These are stress ratings only. Stresses exceeding the range specified under
²Absolute Maximum Ratings² may
cause substantial damage to the device. Functional operation of this device at other conditions beyond those listed
in the specification is not implied and prolonged exposure to extreme conditions may affect device reliability.
HT48R01/HT48R02/HT48R03
Rev. 1.00
3
December 20, 2006



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com