Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT48R01 Datasheet(PDF) 13 Page - Holtek Semiconductor Inc

Part # HT48R01
Description  10-Pin MSOP I/O Type 8-Bit OTP MCU
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT48R01 Datasheet(HTML) 13 Page - Holtek Semiconductor Inc

Back Button HT48R01 Datasheet HTML 9Page - Holtek Semiconductor Inc HT48R01 Datasheet HTML 10Page - Holtek Semiconductor Inc HT48R01 Datasheet HTML 11Page - Holtek Semiconductor Inc HT48R01 Datasheet HTML 12Page - Holtek Semiconductor Inc HT48R01 Datasheet HTML 13Page - Holtek Semiconductor Inc HT48R01 Datasheet HTML 14Page - Holtek Semiconductor Inc HT48R01 Datasheet HTML 15Page - Holtek Semiconductor Inc HT48R01 Datasheet HTML 16Page - Holtek Semiconductor Inc HT48R01 Datasheet HTML 17Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 38 page
background image
HT48R01/HT48R02/HT48R03
Rev. 1.00
13
December 20, 2006
WS2
WS1
WS0
Division Ratio
000
1:1
001
1:2
010
1:4
011
1:8
1
0
0
1:16
1
0
1
1:32
1
1
0
1:64
1
1
1
1:128
The WDT overflow under normal operation will initialise
a
²chip reset² and set the status bit ²TO². But in the
HALT mode, the overflow will initialise a
²warm reset²,
and only the Program Counter and SP are reset to zero.
To clear the contents of WDT (including the WDT
prescaler), three methods are adopted; external reset (a
low level to RES), software instruction and a
²HALT² in-
struction. The software instruction include
²CLR WDT²
and the other set
-²CLR WDT1² and ²CLR WDT2².Of
these two types of instruction, only one can be active de-
pending on the option
-²CLR WDT times selection op-
tion
².Ifthe ²CLR WDT² is selected (i.e. CLRWDT times
equal one), any execution of the
²CLR WDT² instruction
will clear the WDT. In the case that
²CLR WDT1² and
²CLR WDT2² are chosen (i.e. CLRWDT times equal
two), these two instructions must be executed to clear
the WDT; otherwise, the WDT may reset the chip as a
result of time-out.
The WDT control register contains 4 bits of WDT enable
bits. WDT can be enable by either WDT mask option or
WDT control register (WDTEN[3:0]=0101B) and be dis-
able by both being disable.
Bit No.
Label
Function
0~3
WDTEN0~
WDTEN3
Bit3~0, WDTEN3~WDTEN0=
1010B: WDT disable
others: enable (using 0101B to
enable WDT is strongly recom-
mended for the highest noise im-
munity)
4~5
¾
Unused bit, read as
²0²
Bit No.
Label
Function
6~7
INTES0~
INTES1
External interrupt edge selection
(default=10)
00: disable
01: rising edge trigger
10: falling edge trigger
11: dual edge trigger
WCON (17H) Register
Power Down Operation
- HALT
The HALT mode is initialised by the
²HALT² instruction
and results in the following...
· The system oscillator will be turned off but the WDT
oscillator keeps running (if the WDT oscillator is se-
lected).
· The contents of the on chip RAM and registers remain
unchanged.
· WDT and WDT prescaler will be cleared and re-
counted again (if the WDT clock is from the WDT os-
cillator).
· All of the I/O ports maintain their original status.
· The PDF flag is set and the TO flag is cleared.
The system can leave the HALT mode by means of an
external reset, an interrupt, an external falling edge sig-
nal on port A or a WDT overflow. An external reset
causes a device initialisation and the WDT overflow per-
forms a
²warm reset². After the TO and PDF flags are
examined, the reason for chip reset can be determined.
The PDF flag is cleared by system power-up or execut-
ing the
²CLR WDT² instruction and is set when execut-
ing the
²HALT² instruction. The TO flag is set if the WDT
time-out occurs, and causes a wake-up that only resets
the Program Counter and Stack Pointer; the others keep
their original status.
Both port A wake-up and interrupt methods can be con-
sidered as a continuation of normal execution. Each bit
in port A can be independently selected to wake up the
device by options. Awakening from an I/O port stimulus,
the program will resume execution of the next instruc-
tion. If it is awakened by an interrupt, two sequences
may happen. If the related interrupt is disabled or the in-
terrupt is enabled but the stack is full, the program will
resume execution at the next instruction. If the interrupt
is enabled and the stack is not full, the regular interrupt
response takes place. If an interrupt request flag is set to
8 - b i t C o u n t e r
W D T P r e s c a l e r
7 - b i t C o u n t e r
8 - t o - 1 M U X
W D T T i m e - o u t
W S 0 ~ W S 2
R O M
C o d e
O p t i o n
f S Y S / 4
f R T C
W D T O S C
f S
Watchdog Timer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com