Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT48R01 Datasheet(PDF) 21 Page - Holtek Semiconductor Inc

Part # HT48R01
Description  10-Pin MSOP I/O Type 8-Bit OTP MCU
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT48R01 Datasheet(HTML) 21 Page - Holtek Semiconductor Inc

Back Button HT48R01 Datasheet HTML 17Page - Holtek Semiconductor Inc HT48R01 Datasheet HTML 18Page - Holtek Semiconductor Inc HT48R01 Datasheet HTML 19Page - Holtek Semiconductor Inc HT48R01 Datasheet HTML 20Page - Holtek Semiconductor Inc HT48R01 Datasheet HTML 21Page - Holtek Semiconductor Inc HT48R01 Datasheet HTML 22Page - Holtek Semiconductor Inc HT48R01 Datasheet HTML 23Page - Holtek Semiconductor Inc HT48R01 Datasheet HTML 24Page - Holtek Semiconductor Inc HT48R01 Datasheet HTML 25Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 38 page
background image
Application Circuits
Note: The resistance and capacitance for the reset circuit should be designed to ensure that VDD is stable and
remains in a valid range of the operating voltage before bringing RES high.
²*² Make the length of the wiring, which is connected to the RES pin as short as possible, to avoid noise
interference.
The following table shows the C1, C2 and R1 values corresponding to the different crystal values. (For refer-
ence only)
Crystal or Resonator
C1, C2
R1
8MHz Crystal & Resonator
35pF
3.9k
W
4MHz Crystal
10pF
10k
W
4MHz Resonator
10pF
12k
W
3.58MHz Crystal
10pF
12k
W
3.58MHz Resonator
10pF
12k
W
2MHz Crystal & Resonator
35pF
12k
W
1MHz Crystal
68pF
18k
W
480kHz Resonator
300pF
10k
W
455kHz Resonator
300pF
10k
W
429kHz Resonator
300pF
10k
W
400kHz Resonator
300pF
10k
W
The function of the resistor R1 is to ensure that the oscillator will switch off should low voltage condi-
tions occur. Such a low voltage, as mentioned here, is one which is less than the lowest value of the
MCU operating voltage. Note however that if the LVR is enabled then R1 can be removed.
HT48R01/HT48R02/HT48R03
Rev. 1.00
21
December 20, 2006
H T 4 8 R 0 1 / H T 4 8 R 0 2 / H T 4 8 R 0 3
O S C 1
O S C 2
C r y s t a l S y s t e m O s c i l l a t o r
F o r C 1 , C 2 a n d R 1 v a l u e s ,
s e e t a b l e b e l o w
R 1
C 1
C 2
R C S y s t e m O s c i l l a t o r
2 4 k W < R O S C < 1 . 5 M W
V D D
R O S C
O S C 1
P A 5
4 7 0 p F
O S C C i r c u i t
R E S / P A 7
0 . 1 m F *
1 0 0 k W
V D D
V S S
0 . 1 m F
V D D
0 . 0 1 m F *
1 0 k W
O S C 1
O S C 2
O S C
C i r c u i t
S e e R i g h t S i d e
P A 0 / B Z
P A 1 / B Z
P A 2 / T M R 0
P A 3 / I N T
P A 4 / T M R 1
I n t e r n a l R C O s c i l l a t o r
T w o p i n s a r e c o n f i g u r e d
a s I / O p i n
I n t e r n a l R C O s c i l l a t o r
+ E x t e r n a l R T C O S C
P A 5
P A 6
O S C 1
1 0 p F
3 2 7 6 8 H z
O S C 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com