Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD72012 Datasheet (PDF) - Renesas Technology Corp

UPD72012 Datasheet PDF - Renesas Technology Corp
Part # UPD72012
Download  UPD72012 Download
File Size   545.38 Kbytes
Page   38 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description MOS INTEGRATED CIRCUIT

UPD72012 Datasheet (PDF)

Go To PDF Page Download Datasheet
UPD72012 Datasheet PDF - Renesas Technology Corp

Part # UPD72012
Download  UPD72012 Click to download

File Size   545.38 Kbytes
Page   38 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description MOS INTEGRATED CIRCUIT

UPD72012 Datasheet (HTML) - Renesas Technology Corp


UPD72012 Product details

FEATURES
Compliant with Chapter 11 (HUB Specifications) of USB Specification 1.1.
Descriptors into ROM
• The user can customize the vendor ID and product ID by using Mask ROM option.
Supports 5 kinds of string descriptors (for Mask ROM code product only)
On-chip sequencer
• There is an on-chip descriptor and request response sequencer. External initial setup and control is not needed
and HUB functions can be realized using only the UPD72012.
Downstream ports
• Four or five ports can be selected using a pin function.
Power modes
• Bus power or self-power can be selected using a pin function (an external power control circuit is required).
Corresponds to standard descriptor products
• Two kinds of standard ROM code products are provided. Standard and HUB class descriptors are on-chip in the UPD72012.
ROM code: 003 (individual overcurrent monitoring type Generic HUB)
ROM code: 004 (collective overcurrent monitoring type Generic HUB)
- Supports two kinds of clock input
• 48 MHz oscillator input or a 4 MHz crystal resonator can be supported
- Power control
• Port power control and overcurrent detection functions are on-chip. Individual port control or collective control can be selected for these.




Similar Part No. - UPD72012

ManufacturerPart #DatasheetDescription
logo
NEC
UPD72012 NEC-UPD72012 Datasheet
414Kb / 36P
HUB CONTROLLER FOR UNIVERSAL SERIAL BUS
logo
Renesas Technology Corp
UPD720120 RENESAS-UPD720120 Datasheet
482Kb / 38P
MOS INTEGRATED CIRCUIT
2001
UPD720120GC-9EU RENESAS-UPD720120GC-9EU Datasheet
482Kb / 38P
MOS INTEGRATED CIRCUIT
2001
logo
NEC
UPD720122 NEC-UPD720122 Datasheet
650Kb / 82P
MOS Integrated Circuit
logo
Renesas Technology Corp
UPD720122 RENESAS-UPD720122 Datasheet
1Mb / 86P
MOS Integrated Circuit
2003
More results


Similar Description - UPD72012

ManufacturerPart #DatasheetDescription
logo
NEC
UPD720122 NEC-UPD720122 Datasheet
650Kb / 82P
MOS Integrated Circuit
UPD720110 NEC-UPD720110 Datasheet
405Kb / 32P
MOS INTEGRATED CIRCUIT
UPD703130 NEC-UPD703130 Datasheet
601Kb / 72P
MOS INTEGRATED CIRCUIT
UPD16874 NEC-UPD16874 Datasheet
218Kb / 19P
MOS INTEGRATED CIRCUIT
UPD16601 NEC-UPD16601 Datasheet
98Kb / 13P
MOS Integrated Circuit
UPD65881GB-P02 NEC-UPD65881GB-P02 Datasheet
76Kb / 8P
MOS Integrated Circuit
UPD121W18AT1F NEC-UPD121W18AT1F Datasheet
265Kb / 16P
MOS INTEGRATED CIRCUIT
UPD121A10 NEC-UPD121A10 Datasheet
214Kb / 10P
MOS INTEGRATED CIRCUIT
logo
Renesas Technology Corp
UPD166021T1F RENESAS-UPD166021T1F Datasheet
382Kb / 25P
MOS INTEGRATED CIRCUIT
PD166105GS RENESAS-PD166105GS_15 Datasheet
134Kb / 17P
MOS INTEGRATED CIRCUIT
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com