Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD720120 Datasheet (PDF) - Renesas Technology Corp

UPD720120 Datasheet PDF - Renesas Technology Corp
Part # UPD720120
Download  UPD720120 Download
File Size   482.19 Kbytes
Page   38 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description MOS INTEGRATED CIRCUIT

UPD720120 Datasheet (PDF)

Go To PDF Page Download Datasheet
UPD720120 Datasheet PDF - Renesas Technology Corp

Part # UPD720120
Download  UPD720120 Click to download

File Size   482.19 Kbytes
Page   38 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description MOS INTEGRATED CIRCUIT

UPD720120 Datasheet (HTML) - Renesas Technology Corp


UPD720120 Product details

FEATURES
• Compliant with Universal Serial Bus Specification Revision 2.0 (Data Rate 12/480 Mbps)
• 16 bits backend Interface to SIE
• (Micro) SOF detection for High-/Full-speed operation
• One high-speed transceiver / receiver with full-speed transceiver / receiver
• High-speed or Full-speed packet protocol sequencer
• Start / End of packet detection
• NRZI encoding / decoding
• Stuffed bit insertion / recognition and stripping
• CRC checker and generation ( 5 bits CRC for Token packet and 16bits CRC for Data packet)
• Serial to 16 bits parallel conversion for data reception and 16 bits parallel to serial conversion for data
transmission
• Automatic chirp assertion and full-/high-speed mode change
• USB Reset, Suspend and Resume signaling detection
• Supports remote wakeup functionality
• Supports set feature (TEST_MODE) functionality
• System Clock is generated by 30 MHz X’tal
• Several Clock Outputs (30 MHz, 60 MHz) are provided for backend interface.
• 3.3 V power supply




Similar Part No. - UPD720120

ManufacturerPart #DatasheetDescription
logo
NEC
UPD72012 NEC-UPD72012 Datasheet
414Kb / 36P
HUB CONTROLLER FOR UNIVERSAL SERIAL BUS
logo
Renesas Technology Corp
UPD72012 RENESAS-UPD72012 Datasheet
545Kb / 38P
MOS INTEGRATED CIRCUIT
1999
logo
NEC
UPD720122 NEC-UPD720122 Datasheet
650Kb / 82P
MOS Integrated Circuit
logo
Renesas Technology Corp
UPD720122 RENESAS-UPD720122 Datasheet
1Mb / 86P
MOS Integrated Circuit
2003
logo
NEC
UPD720122F1-DN2 NEC-UPD720122F1-DN2 Datasheet
650Kb / 82P
MOS Integrated Circuit
More results


Similar Description - UPD720120

ManufacturerPart #DatasheetDescription
logo
NEC
UPD720122 NEC-UPD720122 Datasheet
650Kb / 82P
MOS Integrated Circuit
UPD720110 NEC-UPD720110 Datasheet
405Kb / 32P
MOS INTEGRATED CIRCUIT
UPD703130 NEC-UPD703130 Datasheet
601Kb / 72P
MOS INTEGRATED CIRCUIT
UPD16874 NEC-UPD16874 Datasheet
218Kb / 19P
MOS INTEGRATED CIRCUIT
UPD16601 NEC-UPD16601 Datasheet
98Kb / 13P
MOS Integrated Circuit
UPD65881GB-P02 NEC-UPD65881GB-P02 Datasheet
76Kb / 8P
MOS Integrated Circuit
UPD121W18AT1F NEC-UPD121W18AT1F Datasheet
265Kb / 16P
MOS INTEGRATED CIRCUIT
UPD121A10 NEC-UPD121A10 Datasheet
214Kb / 10P
MOS INTEGRATED CIRCUIT
logo
Renesas Technology Corp
UPD166021T1F RENESAS-UPD166021T1F Datasheet
382Kb / 25P
MOS INTEGRATED CIRCUIT
PD166105GS RENESAS-PD166105GS_15 Datasheet
134Kb / 17P
MOS INTEGRATED CIRCUIT
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com