Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8112JSTZ Datasheet (PDF) - Analog Devices

AD8112JSTZ Datasheet PDF - Analog Devices
Part # AD8112JSTZ
Download  AD8112JSTZ Download
File Size   527.49 Kbytes
Page   28 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Audio/Video, 60 MHz, 16 횞 8, Gain of 2 Crosspoint Switch

AD8112JSTZ Datasheet (PDF)

Go To PDF Page Download Datasheet
AD8112JSTZ Datasheet PDF - Analog Devices

Part # AD8112JSTZ
Download  AD8112JSTZ Click to download

File Size   527.49 Kbytes
Page   28 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Audio/Video, 60 MHz, 16 횞 8, Gain of 2 Crosspoint Switch

AD8112JSTZ Datasheet (HTML) - Analog Devices


AD8112JSTZ Product details

GENERAL DESCRIPTION
The AD8112 is a low cost, fully buffered crosspoint switch matrix that operates on ±12 V for audio applications and ±5 V for video applications. It offers a −3 dB signal bandwidth greater than 60 MHz and channel switch times of less than 60 ns with 0.1% settling for use in both analog and digital audio. The AD8112 operated at 20 kHz has a crosstalk performance of −83 dB and isolation of 90 dB. In addition, ground/power pins surround all inputs and outputs to provide extra shielding for operation in the most demanding audio routing applications. With a differential gain and differential phase better than 0.1% and 0.1°, respectively, and a 0.1 dB flatness output of up to 10 MHz, the AD8112 is suitable for many video applications.

FEATURES
   Low cost, 16 × 8, high speed, nonblocking switch array
      Pin-compatible 16 × 16 version available (AD8113)
   Serial or parallel programming of switch array
   Serial data out allows daisy chaining control of multiple
      16 × 8 arrays to create larger switch arrays
   Output disable allows connection of multiple devices
      without loading the output bus
   Complete solution
      Buffered inputs
      8 output amplifiers
      Operates on ±5 V or ±12 V supplies
      Low supply current of 54 mA
   Excellent audio performance VS = ±12 V
      ±10 V output swing
      0.002% THD at 20 kHz maximum 20 V p-p (RL = 600 Ω)
   Excellent video performance VS = ±5 V
      0.1 dB gain flatness of 10 MHz
      0.1% differential gain error (RL = 1 kΩ)
      0.1° differential phase error (RL = 1 kΩ)
   Excellent ac performance
      −3 dB bandwidth 60 MHz
   Low all-hostile crosstalk of −83 dB at 20 kHz
   Reset pin allows disabling of all outputs (connected to a
      capacitor to ground provides power-on reset capability)
   100-lead LQFP (14 mm × 14 mm)

APPLICATIONS
   CCTV surveillance/DVR
   Analog/digital audio routers
   Video routers (NTSC, PAL, S-Video, SECAM)
   Multimedia systems
   Video conferencing




Similar Part No. - AD8112JSTZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8112JSTZ AD-AD8112JSTZ Datasheet
1Mb / 28P
Audio/Video, 60 MHz, 16 8, Gain of 2 Crosspoint Switch
REV. 0
More results


Similar Description - AD8112JSTZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8113JST AD-AD8113JST Datasheet
1Mb / 28P
Audio/Video 60 MHz 16 X 16, G = 2 Crosspoint Switch
4/03-Data Sheet changed from REV. 0 to REV. A.
logo
National Semiconductor ...
LMH6582 NSC-LMH6582 Datasheet
538Kb / 8P
16x8 500 MHz Analog Crosspoint Switch, Gain of 1/Gain of 2
logo
Analog Devices
AD8176 AD-AD8176 Datasheet
476Kb / 32P
475 MHz, Triple 16 횞 9 Video Crosspoint Switch
Rev. PrA
AD8178 AD-AD8178 Datasheet
829Kb / 40P
450 MHz, Triple 16 횞 5 Video Crosspoint Switch
REV. 0
AD8177 AD-AD8177 Datasheet
854Kb / 40P
500 MHz, Triple 16 횞 5 Video Crosspoint Switch
Rev. 0
AD8113JSTZ AD-AD8113JSTZ Datasheet
1Mb / 28P
Audio/Video 60 MHz 16  16, G = 2 Crosspoint Switch
REV. A
AD8108 AD-AD8108_05 Datasheet
994Kb / 33P
325 MHz, 8 횞 8 Buffered Video Crosspoint Switches
REV. B
AD8116JSTZ AD-AD8116JSTZ Datasheet
955Kb / 29P
200 MHz, 16  16 Buffered Video Crosspoint Switch
REV. B
logo
Texas Instruments
LMH6580 TI1-LMH6580 Datasheet
594Kb / 30P
8x4 500 MHz Analog Crosspoint Switch, Gain of 1,Gain of 2
logo
Analog Devices
AD8112 AD-AD8112_15 Datasheet
1Mb / 28P
Audio/Video, 60 MHz, 16 8, Gain of 2 Crosspoint Switch
REV. 0
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com