Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD98412 Datasheet (PDF) - Renesas Technology Corp

UPD98412 Datasheet PDF - Renesas Technology Corp
Part # UPD98412
Download  UPD98412 Download
File Size   607.72 Kbytes
Page   66 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description MOS INTEGRATED CIRCUIT

UPD98412 Datasheet (PDF)

Go To PDF Page Download Datasheet
UPD98412 Datasheet PDF - Renesas Technology Corp

Part # UPD98412
Download  UPD98412 Click to download

File Size   607.72 Kbytes
Page   66 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description MOS INTEGRATED CIRCUIT

UPD98412 Datasheet (HTML) - Renesas Technology Corp


UPD98412 Product details

FEATURES
• Conforms to ATM FORUM UNI Version 3.1 & Traffic Management 4.0
• Realizes all switch functions with a single chip
• Non-blocking type with switch capacity of 1.5G bps
• UTOPIA Level2 interface allowing you to select bit widths
(4 ports ´ 8 bits, 2 ports ´ 8 bits + 1 port ´ 16 bits, 2 ports ´ 16 bits)
• Various polling modes for UTOPIA Level2 interface
• Can switch 30 logical ports
• Multi-speed (622M bps, 155M bps, 52M bps, 25M bps, etc.)
• Microprocessor connecting port can be set for signaling processing and OAM cell processing
• Supports 16K/32K/64K uni-cast VP/VC and 1K/2K/4K multi-cast VP/VC
• Shared buffer architecture using standard SRAM
• Cell buffer capacity: 12.8K/25.6K/51.2K cells
• Supports four QOS classes (CBR, VBR, ABR, UBR)
• ABR traffic control (binary mode)
• Supports EPD (Early Packet Discard) and PPD (Partial Packet Discard)
• +3.3-V single power source (directly connectable with +5-V TTL level signals)
• Test function: Supports JTAG (IEEE 1149.1)




Similar Part No. - UPD98412

ManufacturerPart #DatasheetDescription
logo
NEC
UPD98411 NEC-UPD98411 Datasheet
717Kb / 36P
ATM QUAD SONET FRAMER
logo
Renesas Technology Corp
UPD98411 RENESAS-UPD98411 Datasheet
642Kb / 42P
MOS INTEGRATED CIRCUIT
1999
logo
NEC
UPD98411GN-MMU NEC-UPD98411GN-MMU Datasheet
717Kb / 36P
ATM QUAD SONET FRAMER
logo
Renesas Technology Corp
UPD98414 RENESAS-UPD98414 Datasheet
505Kb / 46P
MOS INTEGRATED CIRCUIT
2001
UPD98414F2-RN1 RENESAS-UPD98414F2-RN1 Datasheet
505Kb / 46P
MOS INTEGRATED CIRCUIT
2001
More results


Similar Description - UPD98412

ManufacturerPart #DatasheetDescription
logo
NEC
UPD720122 NEC-UPD720122 Datasheet
650Kb / 82P
MOS Integrated Circuit
UPD720110 NEC-UPD720110 Datasheet
405Kb / 32P
MOS INTEGRATED CIRCUIT
UPD703130 NEC-UPD703130 Datasheet
601Kb / 72P
MOS INTEGRATED CIRCUIT
UPD16874 NEC-UPD16874 Datasheet
218Kb / 19P
MOS INTEGRATED CIRCUIT
UPD16601 NEC-UPD16601 Datasheet
98Kb / 13P
MOS Integrated Circuit
UPD65881GB-P02 NEC-UPD65881GB-P02 Datasheet
76Kb / 8P
MOS Integrated Circuit
UPD121W18AT1F NEC-UPD121W18AT1F Datasheet
265Kb / 16P
MOS INTEGRATED CIRCUIT
UPD121A10 NEC-UPD121A10 Datasheet
214Kb / 10P
MOS INTEGRATED CIRCUIT
logo
Renesas Technology Corp
UPD166021T1F RENESAS-UPD166021T1F Datasheet
382Kb / 25P
MOS INTEGRATED CIRCUIT
PD166105GS RENESAS-PD166105GS_15 Datasheet
134Kb / 17P
MOS INTEGRATED CIRCUIT
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com