Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS7343 Datasheet (PDF) - ams AG

AS7343 Datasheet PDF - ams AG
Part # AS7343
Download  AS7343 Download
File Size   1501.12 Kbytes
Page   57 Pages
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG
Description 14-Channel Multi-Spectral Sensor

AS7343 Datasheet (PDF)

Go To PDF Page Download Datasheet
AS7343 Datasheet PDF - ams AG

Part # AS7343
Download  AS7343 Click to download

File Size   1501.12 Kbytes
Page   57 Pages
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG
Description 14-Channel Multi-Spectral Sensor

AS7343 Datasheet (HTML) - ams AG


AS7343 Product details

Description
The ams OSRAM AS7343 is a 14-channel highly versatile, multi-purpose spectral sensor enabling
new consumer, commercial, industrial and laboratory applications. It is optimized for reflective,
transmissive and emissive measurements including color matching, fluid or reagent analysis, lateral
flow test applications and spectral identification in the visible range.
The spectral response is defined by individual channels covering approximately 380 nm to 1000 nm
with 11 channels centered in the visible spectrum (VIS), plus one near-infrared (NIR) and a clear
channel.
AS7343 integrates high-precision optical filters onto standard CMOS silicon via deposited interference
filter technology. A built-in aperture controls the light entering the sensor array to increase accuracy. A
programmable digital GPIO and LED driver enable light source and trigger/sync control. Device control
and spectral data access is implemented through a serial I²C interface. The device is available in an
ultra-low profile package with dimensions of 3.1 mm x 2 mm x 1 mm.

Features
● 14 channels between 380 nm and 1000 nm
● Reflective, transmissive and emissive applications
● Enables ultra-low light operation
● Enables operation behind dark glass or additional
external filters
● 1.8 V VDD operation
● Configurable sleep mode
● Interrupt-driven device
● On chip interference filter technology
● Integrated LED driver and 6 integrated ADCs
● 3.1 mm x 2 mm x 1 mm package outline

Applications
● Emissive light measurement
● Transmissive and reflective measurements such as fluid or color measurements
● Photoelectric smoke detectors




Similar Part No. - AS7343

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
AS7343 OSRAM-AS7343 Datasheet
1Mb / 58P
14-Channel Multi-Spectral Sensor
v6-00 2023-Jun-07
logo
ams-OSRAM AG
AS7343 AMSOSRAM-AS7343 Datasheet
2Mb / 58P
14-Channel Multi-Spectral Sensor
2023-Jun-07
logo
OSRAM GmbH
AS7343-DLGM OSRAM-AS7343-DLGM Datasheet
1Mb / 58P
14-Channel Multi-Spectral Sensor
v6-00 2023-Jun-07
logo
ams-OSRAM AG
AS7343-DLGM AMSOSRAM-AS7343-DLGM Datasheet
2Mb / 58P
14-Channel Multi-Spectral Sensor
2023-Jun-07
logo
OSRAM GmbH
AS7343-DLGT OSRAM-AS7343-DLGT Datasheet
1Mb / 58P
14-Channel Multi-Spectral Sensor
v6-00 2023-Jun-07
More results


Similar Description - AS7343

ManufacturerPart #DatasheetDescription
logo
Rohm
BA3830S ROHM-BA3830S Datasheet
112Kb / 8P
Band-pass filter for spectral analyzers
logo
Gamewell-FCI by Honeywe...
XP95-M GAMEWELL-FCI-XP95-M Datasheet
131Kb / 2P
Multi-Sensor
logo
Zentrum Mikroelektronik...
ZMD21013 ZMD-ZMD21013 Datasheet
538Kb / 2P
MUSic Low-Power Multi-Channel Sensor Interface Circuits
logo
Texas Instruments
LMP90077 TI1-LMP90077_16 Datasheet
1Mb / 70P
Sensor AFE System: Multi-Channel, Low-Power 16-Bit Sensor AFE
logo
Microchip Technology
MCP9902 MICROCHIP-MCP9902 Datasheet
538Kb / 50P
Multi-Channel Low-Temperature Remote Diode Sensor
06/23/16
logo
OSRAM GmbH
SFH4512 OSRAM-SFH4512 Datasheet
160Kb / 11P
Spectral match with silicon photodetectors
logo
Microchip Technology
EMC1812 MICROCHIP-EMC1812 Datasheet
1Mb / 102P
Multi-Channel Low-Voltage Remote Diode Sensor Family
2018
logo
SparkFun Electronics
SEN-14347 SPARKFUN-SEN-14347 Datasheet
204Kb / 3P
SparkFun Spectral Sensor Breakout - AS7262 Visible (Qwiic)
10??3??7
SEN-14351 SPARKFUN-SEN-14351 Datasheet
203Kb / 3P
SparkFun Spectral Sensor Breakout - AS7263 NIR (Qwiic)
10??3??7
logo
ams AG
AS7341 AMSCO-AS7341 Datasheet
2Mb / 69P
11-Channel Multi-Spectral Digital Sensor
v3-00 2020-Jun-25
More results




About ams AG


ams AG is a multinational company that designs and manufactures advanced sensor solutions and analog ICs (integrated circuits). The company was founded in 1981 in Austria and has its headquarters in Premstaetten, Austria.

ams AG's product portfolio includes sensors for applications such as mobile devices, automotive, industrial automation, medical, and smart homes. The company also provides ICs for power management, wireless connectivity, and audio processing.

In recent years, ams AG has expanded its business through acquisitions of companies such as TAOS Inc., Heptagon, and Osram Licht AG, which have strengthened the company's expertise in optical sensing and lighting technologies.

ams AG is listed on the SIX Swiss Exchange and has a global presence with offices and production sites in Europe, Asia, and the Americas.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com