Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS7343 Datasheet (PDF) - ams-OSRAM AG

AS7343 Datasheet PDF - ams-OSRAM AG
Part # AS7343
Download  AS7343 Download
File Size   2051.31 Kbytes
Page   58 Pages
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG
Description 14-Channel Multi-Spectral Sensor

AS7343 Datasheet (PDF)

Go To PDF Page Download Datasheet
AS7343 Datasheet PDF - ams-OSRAM AG

Part # AS7343
Download  AS7343 Click to download

File Size   2051.31 Kbytes
Page   58 Pages
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG
Description 14-Channel Multi-Spectral Sensor

AS7343 Datasheet (HTML) - ams-OSRAM AG


AS7343 Product details

General Description
The ams OSRAM AS7343 is a 14-channel highly versatile, multi-purpose spectral sensor enabling
new consumer, commercial, industrial and laboratory applications. It is optimized for reflective,
transmissive and emissive measurements including color matching, fluid or reagent analysis, lateral
flow test applications and spectral identification in the visible range.
The spectral response is defined by individual channels covering approximately 380 nm to 1000 nm
with 11 channels centered in the visible spectrum (VIS), plus one near-infrared (NIR) and a clear
channel.
AS7343 integrates high-precision optical filters onto standard CMOS silicon via deposited interference
filter technology. A built-in aperture controls the light entering the sensor array to increase accuracy. A
programmable digital GPIO and LED driver enable light source and trigger/sync control. Device control
and spectral data access is implemented through a serial I²C interface. The device is available in an
ultra-low profile package with dimensions of 3.1 mm x 2 mm x 1 mm.
Applications
Emissive light measurement
Transmissive and reflective measurements such as fluid or color measurements
Photoelectric smoke detectors




Similar Part No. - AS7343

ManufacturerPart #DatasheetDescription
logo
ams AG
AS7343 AMSCO-AS7343 Datasheet
1Mb / 57P
14-Channel Multi-Spectral Sensor
v6-00 2023-Jun-07
logo
OSRAM GmbH
AS7343 OSRAM-AS7343 Datasheet
1Mb / 58P
14-Channel Multi-Spectral Sensor
v6-00 2023-Jun-07
logo
ams AG
AS7343-DLGM AMSCO-AS7343-DLGM Datasheet
1Mb / 57P
14-Channel Multi-Spectral Sensor
v6-00 2023-Jun-07
logo
OSRAM GmbH
AS7343-DLGM OSRAM-AS7343-DLGM Datasheet
1Mb / 58P
14-Channel Multi-Spectral Sensor
v6-00 2023-Jun-07
logo
ams AG
AS7343-DLGT AMSCO-AS7343-DLGT Datasheet
1Mb / 57P
14-Channel Multi-Spectral Sensor
v6-00 2023-Jun-07
More results


Similar Description - AS7343

ManufacturerPart #DatasheetDescription
logo
Gamewell-FCI by Honeywe...
XP95-M GAMEWELL-FCI-XP95-M Datasheet
131Kb / 2P
Multi-Sensor
logo
Zentrum Mikroelektronik...
ZMD21013 ZMD-ZMD21013 Datasheet
538Kb / 2P
MUSic Low-Power Multi-Channel Sensor Interface Circuits
logo
Texas Instruments
LMP90077 TI1-LMP90077_16 Datasheet
1Mb / 70P
Sensor AFE System: Multi-Channel, Low-Power 16-Bit Sensor AFE
logo
Microchip Technology
MCP9902 MICROCHIP-MCP9902 Datasheet
538Kb / 50P
Multi-Channel Low-Temperature Remote Diode Sensor
06/23/16
logo
OSRAM GmbH
SFH4512 OSRAM-SFH4512 Datasheet
160Kb / 11P
Spectral match with silicon photodetectors
logo
Microchip Technology
EMC1812 MICROCHIP-EMC1812 Datasheet
1Mb / 102P
Multi-Channel Low-Voltage Remote Diode Sensor Family
2018
logo
SparkFun Electronics
SEN-14347 SPARKFUN-SEN-14347 Datasheet
204Kb / 3P
SparkFun Spectral Sensor Breakout - AS7262 Visible (Qwiic)
10??3??7
SEN-14351 SPARKFUN-SEN-14351 Datasheet
203Kb / 3P
SparkFun Spectral Sensor Breakout - AS7263 NIR (Qwiic)
10??3??7
logo
ams AG
AS7341 AMSCO-AS7341 Datasheet
2Mb / 69P
11-Channel Multi-Spectral Digital Sensor
v3-00 2020-Jun-25
AS7343 AMSCO-AS7343 Datasheet
1Mb / 57P
14-Channel Multi-Spectral Sensor
v6-00 2023-Jun-07
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com