Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS7341 Datasheet (PDF) - ams AG

AS7341 Datasheet PDF - ams AG
Part # AS7341
Download  AS7341 Download
File Size   2270.26 Kbytes
Page   69 Pages
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG
Description 11-Channel Multi-Spectral Digital Sensor

AS7341 Datasheet (PDF)

Go To PDF Page Download Datasheet
AS7341 Datasheet PDF - ams AG

Part # AS7341
Download  AS7341 Click to download

File Size   2270.26 Kbytes
Page   69 Pages
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG
Description 11-Channel Multi-Spectral Digital Sensor

AS7341 Datasheet (HTML) - ams AG


AS7341 Product details

Features
8 optical channels distributed over the visible
spectral range + clear and NIR channels
realized via silicon nano-optic interference filter
deposition technologies
● 1.8VDD operation, max 300μA
● Configurable sleep mode to <5μA
● Interrupt-driven device
● Dedicated channel
● Independently configurable timing and gain
● Automatic gain adjustment
● 50Hz and 60Hz flicker detection flags
GPIO can be used as external trigger input or
light source synchronization output
GPIO can be used as input for external
photodiodes including mid-IR range




Similar Part No. - AS7341

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
AS7341 OSRAM-AS7341 Datasheet
2Mb / 69P
11-Channel Multi-Spectral Digital Sensor
v3-00 2020-Jun-25
logo
ams-OSRAM AG
AS7341 AMSOSRAM-AS7341 Datasheet
2Mb / 69P
11-Channel Multi-Spectral Digital Sensor
2020-Jun-25
logo
OSRAM GmbH
AS7341-DLGM OSRAM-AS7341-DLGM Datasheet
2Mb / 69P
11-Channel Multi-Spectral Digital Sensor
v3-00 2020-Jun-25
logo
ams-OSRAM AG
AS7341-DLGM AMSOSRAM-AS7341-DLGM Datasheet
2Mb / 69P
11-Channel Multi-Spectral Digital Sensor
2020-Jun-25
logo
OSRAM GmbH
AS7341-DLGT OSRAM-AS7341-DLGT Datasheet
2Mb / 69P
11-Channel Multi-Spectral Digital Sensor
v3-00 2020-Jun-25
More results


Similar Description - AS7341

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS4923 CIRRUS-CS4923 Datasheet
678Kb / 56P
Multi-Channel Digital Audio Decoders
logo
Hamamatsu Corporation
PMA-11 HAMAMATSU-PMA-11 Datasheet
281Kb / 4P
Photonic Multichannel Spectral Analyzer Model: PMA-11
logo
Texas Instruments
DS90UA101-Q1 TI1-DS90UA101-Q1_14 Datasheet
571Kb / 41P
Multi-Channel Digital Audio Link
DS90UA102-Q1 TI1-DS90UA102-Q1_14 Datasheet
1Mb / 47P
Multi-Channel Digital Audio Link
logo
Linear Technology
LTC2983 LINER-LTC2983_15 Datasheet
750Kb / 72P
Multi-Sensor High Accuracy Digital Temperature Measurement System
LTC2983 LINER-LTC2983 Datasheet
776Kb / 72P
Multi-Sensor High Accuracy Digital Temperature Measurement System
logo
SparkFun Electronics
SEN-14347 SPARKFUN-SEN-14347 Datasheet
204Kb / 3P
SparkFun Spectral Sensor Breakout - AS7262 Visible (Qwiic)
10??3??7
SEN-14351 SPARKFUN-SEN-14351 Datasheet
203Kb / 3P
SparkFun Spectral Sensor Breakout - AS7263 NIR (Qwiic)
10??3??7
logo
Sciosense B.V.
ENS160 SCIOSENSE-ENS160 Datasheet
1Mb / 44P
Digital Metal-Oxide Multi-Gas Sensor
Version 1.1 2022-03-30
logo
ams AG
AS7343 AMSCO-AS7343 Datasheet
1Mb / 57P
14-Channel Multi-Spectral Sensor
v6-00 2023-Jun-07
More results




About ams AG


ams AG is a multinational company that designs and manufactures advanced sensor solutions and analog ICs (integrated circuits). The company was founded in 1981 in Austria and has its headquarters in Premstaetten, Austria.

ams AG's product portfolio includes sensors for applications such as mobile devices, automotive, industrial automation, medical, and smart homes. The company also provides ICs for power management, wireless connectivity, and audio processing.

In recent years, ams AG has expanded its business through acquisitions of companies such as TAOS Inc., Heptagon, and Osram Licht AG, which have strengthened the company's expertise in optical sensing and lighting technologies.

ams AG is listed on the SIX Swiss Exchange and has a global presence with offices and production sites in Europe, Asia, and the Americas.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com