Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS7341 Datasheet (PDF) - OSRAM GmbH

AS7341 Datasheet PDF - OSRAM GmbH
Part # AS7341
Download  AS7341 Download
File Size   2270.59 Kbytes
Page   69 Pages
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH
Description 11-Channel Multi-Spectral Digital Sensor

AS7341 Datasheet (PDF)

Go To PDF Page Download Datasheet
AS7341 Datasheet PDF - OSRAM GmbH

Part # AS7341
Download  AS7341 Click to download

File Size   2270.59 Kbytes
Page   69 Pages
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH
Description 11-Channel Multi-Spectral Digital Sensor

AS7341 Datasheet (HTML) - OSRAM GmbH


AS7341 Product details

Features
8 optical channels distributed over the visible
spectral range + clear and NIR channels
realized via silicon nano-optic interference filter
deposition technologies
● 1.8VDD operation, max 300μA
● Configurable sleep mode to <5μA
● Interrupt-driven device
● Dedicated channel
● Independently configurable timing and gain
● Automatic gain adjustment
● 50Hz and 60Hz flicker detection flags
GPIO can be used as external trigger input or
light source synchronization output
GPIO can be used as input for external
photodiodes including mid-IR range




Similar Part No. - AS7341

ManufacturerPart #DatasheetDescription
logo
ams AG
AS7341 AMSCO-AS7341 Datasheet
2Mb / 69P
11-Channel Multi-Spectral Digital Sensor
v3-00 2020-Jun-25
logo
ams-OSRAM AG
AS7341 AMSOSRAM-AS7341 Datasheet
2Mb / 69P
11-Channel Multi-Spectral Digital Sensor
2020-Jun-25
AS7341-DLGM AMSOSRAM-AS7341-DLGM Datasheet
2Mb / 69P
11-Channel Multi-Spectral Digital Sensor
2020-Jun-25
AS7341-DLGT AMSOSRAM-AS7341-DLGT Datasheet
2Mb / 69P
11-Channel Multi-Spectral Digital Sensor
2020-Jun-25
logo
OSRAM GmbH
AS7341L OSRAM-AS7341L Datasheet
2Mb / 65P
10-Channel Spectral Sensor Frontend
v1-00 2020-May-25
More results


Similar Description - AS7341

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS4923 CIRRUS-CS4923 Datasheet
678Kb / 56P
Multi-Channel Digital Audio Decoders
logo
Hamamatsu Corporation
PMA-11 HAMAMATSU-PMA-11 Datasheet
281Kb / 4P
Photonic Multichannel Spectral Analyzer Model: PMA-11
logo
Texas Instruments
DS90UA101-Q1 TI1-DS90UA101-Q1_14 Datasheet
571Kb / 41P
Multi-Channel Digital Audio Link
DS90UA102-Q1 TI1-DS90UA102-Q1_14 Datasheet
1Mb / 47P
Multi-Channel Digital Audio Link
logo
Linear Technology
LTC2983 LINER-LTC2983_15 Datasheet
750Kb / 72P
Multi-Sensor High Accuracy Digital Temperature Measurement System
logo
SparkFun Electronics
SEN-14347 SPARKFUN-SEN-14347 Datasheet
204Kb / 3P
SparkFun Spectral Sensor Breakout - AS7262 Visible (Qwiic)
10??3??7
SEN-14351 SPARKFUN-SEN-14351 Datasheet
203Kb / 3P
SparkFun Spectral Sensor Breakout - AS7263 NIR (Qwiic)
10??3??7
logo
Sciosense B.V.
ENS160 SCIOSENSE-ENS160 Datasheet
1Mb / 44P
Digital Metal-Oxide Multi-Gas Sensor
Version 1.1 2022-03-30
logo
ams AG
AS7341 AMSCO-AS7341 Datasheet
2Mb / 69P
11-Channel Multi-Spectral Digital Sensor
v3-00 2020-Jun-25
AS7343 AMSCO-AS7343 Datasheet
1Mb / 57P
14-Channel Multi-Spectral Sensor
v6-00 2023-Jun-07
More results




About OSRAM GmbH


OSRAM GmbH is a leading global lighting technology company based in Munich, Germany.
It was established in 1919 and offers a wide range of lighting solutions for various industries such as automotive, entertainment, architecture, and general lighting.
OSRAM's products include traditional light bulbs, LED lamps, electronic control gear, and digital lighting systems.
The company operates globally, with a presence in over 140 countries and employs over 26,000 people worldwide.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com