Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS7341 Datasheet (PDF) - ams-OSRAM AG

AS7341 Datasheet PDF - ams-OSRAM AG
Part # AS7341
Download  AS7341 Download
File Size   2270.6 Kbytes
Page   69 Pages
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG
Description 11-Channel Multi-Spectral Digital Sensor

AS7341 Datasheet (PDF)

Go To PDF Page Download Datasheet
AS7341 Datasheet PDF - ams-OSRAM AG

Part # AS7341
Download  AS7341 Click to download

File Size   2270.6 Kbytes
Page   69 Pages
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG
Description 11-Channel Multi-Spectral Digital Sensor

AS7341 Datasheet (HTML) - ams-OSRAM AG


AS7341 Product details

General Description
The ams AS7341 is an 11-channel spectrometer enabling new consumer, commercial and laboratory
applications including spectral identification, reflection and absorption for color matching, fluid or
reagent analysis, passive ambient light measurement and color calibration. The spectral response is
defined by individual channels covering approximately 350nm to 1000nm with 8 channels centered in
the visible spectrum (VIS), plus one near-infrared (NIR) and a clear channel. The NIR channel in
combination with the other VIS channels may provide information of surrounding ambient light
conditions, including light source detection. Light source detection can be assisted by an integrated
flicker channel that can automatically flag ambient light flicker at 50/60Hz as well as buffer data for
externally calculating other flicker frequencies up to 2kHz.
AS7341 integrates high-precision optical filters onto standard CMOS silicon via nano-optic deposited
interference filter technology. A built-in aperture controls the light entering the sensor array to increase
accuracy. A programmable digital GPIO and LED current controller enable light source and trigger
control, as well as enabling expandability for an added external photodiode. Device control and
spectral data access is implemented through a serial I²C interface. The device is available in an ultralow
profile package with dimensions of 3.1mm x 2mm x 1mm.
Applications
High-precision reflective color point and spectral measurements
Fluid color, turbidity or reagent based constituent analysis
Spectral power distribution and passive ambient CCT measurement for home and building
automation
High-end display color management




Similar Part No. - AS7341

ManufacturerPart #DatasheetDescription
logo
ams AG
AS7341 AMSCO-AS7341 Datasheet
2Mb / 69P
11-Channel Multi-Spectral Digital Sensor
v3-00 2020-Jun-25
logo
OSRAM GmbH
AS7341 OSRAM-AS7341 Datasheet
2Mb / 69P
11-Channel Multi-Spectral Digital Sensor
v3-00 2020-Jun-25
AS7341-DLGM OSRAM-AS7341-DLGM Datasheet
2Mb / 69P
11-Channel Multi-Spectral Digital Sensor
v3-00 2020-Jun-25
AS7341-DLGT OSRAM-AS7341-DLGT Datasheet
2Mb / 69P
11-Channel Multi-Spectral Digital Sensor
v3-00 2020-Jun-25
AS7341L OSRAM-AS7341L Datasheet
2Mb / 65P
10-Channel Spectral Sensor Frontend
v1-00 2020-May-25
More results


Similar Description - AS7341

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS4923 CIRRUS-CS4923 Datasheet
678Kb / 56P
Multi-Channel Digital Audio Decoders
logo
Hamamatsu Corporation
PMA-11 HAMAMATSU-PMA-11 Datasheet
281Kb / 4P
Photonic Multichannel Spectral Analyzer Model: PMA-11
logo
Texas Instruments
DS90UA101-Q1 TI1-DS90UA101-Q1_14 Datasheet
571Kb / 41P
Multi-Channel Digital Audio Link
DS90UA102-Q1 TI1-DS90UA102-Q1_14 Datasheet
1Mb / 47P
Multi-Channel Digital Audio Link
logo
Linear Technology
LTC2983 LINER-LTC2983_15 Datasheet
750Kb / 72P
Multi-Sensor High Accuracy Digital Temperature Measurement System
logo
SparkFun Electronics
SEN-14347 SPARKFUN-SEN-14347 Datasheet
204Kb / 3P
SparkFun Spectral Sensor Breakout - AS7262 Visible (Qwiic)
10??3??7
SEN-14351 SPARKFUN-SEN-14351 Datasheet
203Kb / 3P
SparkFun Spectral Sensor Breakout - AS7263 NIR (Qwiic)
10??3??7
logo
Sciosense B.V.
ENS160 SCIOSENSE-ENS160 Datasheet
1Mb / 44P
Digital Metal-Oxide Multi-Gas Sensor
Version 1.1 2022-03-30
logo
ams AG
AS7341 AMSCO-AS7341 Datasheet
2Mb / 69P
11-Channel Multi-Spectral Digital Sensor
v3-00 2020-Jun-25
AS7343 AMSCO-AS7343 Datasheet
1Mb / 57P
14-Channel Multi-Spectral Sensor
v6-00 2023-Jun-07
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com