Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS7341 Datasheet(PDF) 7 Page - ams-OSRAM AG

Part # AS7341
Description  11-Channel Multi-Spectral Digital Sensor
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS7341 Datasheet(HTML) 7 Page - ams-OSRAM AG

Back Button AS7341 Datasheet HTML 3Page - ams-OSRAM AG AS7341 Datasheet HTML 4Page - ams-OSRAM AG AS7341 Datasheet HTML 5Page - ams-OSRAM AG AS7341 Datasheet HTML 6Page - ams-OSRAM AG AS7341 Datasheet HTML 7Page - ams-OSRAM AG AS7341 Datasheet HTML 8Page - ams-OSRAM AG AS7341 Datasheet HTML 9Page - ams-OSRAM AG AS7341 Datasheet HTML 10Page - ams-OSRAM AG AS7341 Datasheet HTML 11Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 69 page
background image
Document Feedback
AS7341
Pin Assignment
Datasheet
• PUBLIC
DS000504
• v3-00 • 2020-Jun-25
68
│ 6
3
Pin Assignment
3.1
Pin Diagram
Figure 3: Pin Assignment of AS7341 (TOP VIEW)
3.2
Pin Description
Figure 4: Pin Description of AS7341
Pin Number
Pin Name
Pin Type
(1)
Description
1
VDD
P
Positive supply terminal
2
SCL
DI
Serial interface clock signal line for I2C interface
3
GND
P
Ground. All voltages referenced to GND
4
LDR
A_I/O
LED current sink input
5
PGND
P
Ground. All voltages referenced to GND
6
GPIO
DI
General purpose input/output
7
INT
DO_OD
Interrupt. Open drain output. Connect pull up resistor to
1.8V.
8
SDA
D_I/O
Serial interface data signal line for I2C interface
(1)
Explanation of abbreviations:
DI
Digital Input
D_I/O
Digital Input/Output
DO_OD
Digital Output, open drain
P
Power pin
A_I/O
Analog pin
VDD
SCL
TOP VIEW
AS7341
INT
SDA
GPIO
2
3
4
8
7
6
5
1
GND
LDR
PGND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com