Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS7341 Datasheet(PDF) 23 Page - ams-OSRAM AG

Part # AS7341
Description  11-Channel Multi-Spectral Digital Sensor
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS7341 Datasheet(HTML) 23 Page - ams-OSRAM AG

Back Button AS7341 Datasheet HTML 19Page - ams-OSRAM AG AS7341 Datasheet HTML 20Page - ams-OSRAM AG AS7341 Datasheet HTML 21Page - ams-OSRAM AG AS7341 Datasheet HTML 22Page - ams-OSRAM AG AS7341 Datasheet HTML 23Page - ams-OSRAM AG AS7341 Datasheet HTML 24Page - ams-OSRAM AG AS7341 Datasheet HTML 25Page - ams-OSRAM AG AS7341 Datasheet HTML 26Page - ams-OSRAM AG AS7341 Datasheet HTML 27Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 69 page
background image
Document Feedback
AS7341
I²C Interface
Datasheet
• PUBLIC
DS000504
• v3-00 • 2020-Jun-25
68
│ 22
9
I²C Interface
The device uses I²C serial communication protocol for communication. The device supports 7-bit chip
addressing and both standard and full-speed clock frequency modes. Read and Write transactions
comply with the standard set by Philips (now NXP). Internal to the device, an 8-bit buffer stores the
register address location of the desired byte to read or write. This buffer auto-increments upon each
byte transfer and is retained between transaction events (i.e. valid even after the master issues a
STOP command and the I²C bus is released). During consecutive Read transactions, the
future/repeated I²C Read transaction may omit the memory address byte normally following the chip
address byte; the buffer retains the last register address +1. All 16-bit fields have a latching scheme
for reading and writing. In general, it is recommended to use I²C bursts whenever possible, especially
in this case when accessing two bytes of one logical entity. When reading these fields, the low byte
must be read first, and it triggers a 16-bit latch that stores the 16-bit field. The high byte must be read
immediately afterwards. When writing to these fields, the low byte must be written first, immediately
followed by the high byte. Reading or writing to these registers without following these requirements
will cause errors.
9.1
I²C Address
Figure 27:
AS7341 I
2C Slave Address
Device
I
2C Address
AS7341
0x39
9.2
I²C Write Transaction
A Write transaction consists of a START, CHIP-ADDRESSWRITE, REGISTER-ADDRESS WRITE,
DATA BYTE(S), and STOP (P). Following each byte (9TH clock pulse) the slave places an
ACKNOWLEDGE/NOT- ACKNOWLEDGE (A/N) on the bus. If the slave transmits N, the master may
issue a STOP.
Figure 28:
I
2C Byte Write
A
DW
S
WA
A
reg_data
P
WA++
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com