Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS7341 Datasheet(PDF) 49 Page - ams-OSRAM AG

Part # AS7341
Description  11-Channel Multi-Spectral Digital Sensor
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS7341 Datasheet(HTML) 49 Page - ams-OSRAM AG

Back Button AS7341 Datasheet HTML 45Page - ams-OSRAM AG AS7341 Datasheet HTML 46Page - ams-OSRAM AG AS7341 Datasheet HTML 47Page - ams-OSRAM AG AS7341 Datasheet HTML 48Page - ams-OSRAM AG AS7341 Datasheet HTML 49Page - ams-OSRAM AG AS7341 Datasheet HTML 50Page - ams-OSRAM AG AS7341 Datasheet HTML 51Page - ams-OSRAM AG AS7341 Datasheet HTML 52Page - ams-OSRAM AG AS7341 Datasheet HTML 53Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 69 page
background image
Document Feedback
AS7341
Register Description
Datasheet
• PUBLIC
DS000504
• v3-00 • 2020-Jun-25
68
│ 48
FD_STATUS Register (Address 0xDB)
Figure 68:
FD STATUS Register
Addr: 0xDB
FD_STATUS
Bit
Bit Name
Default
Access
Bit Description
7:6
reserved
reserved
5
FD_MEASUREMENT_
VALID
0
R
Flicker Detection Measurement Valid.
Indicates that flicker detection measurement is
complete. Write 1 to this bit to clear this field.
4
FD_SATURATION_
DETECTED
0
R
Flicker Saturation Detected.
Indicates that saturation occurred during the last
flicker detection measurement, and the result may
not be valid. Write 1 to this bit to clear this field.
3
FD_120HZ_FLICKER_
VALID
0
R
Flicker Detection 120Hz Flicker Valid.
Indicates that the 120Hz flicker detection calculation
is valid. Write 1 to this bit to clear this field.
2
FD_100HZ_FLICKER_
VALID
0
R
Flicker Detection 100Hz Flicker Valid.
Indicates that the 100Hz flicker detection calculation
is valid. Write 1 to this bit to clear this field.
1
FD_120HZ_FLICKER
0
R
Flicker Detected at 120Hz.
Indicates if an ambient light source is flickering at
120Hz.
0
FD_100HZ_FLICKER
0
R
Flicker Detected at 100Hz.
Indicates if an ambient light source is flickering at
100Hz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com