Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS7341 Datasheet(PDF) 20 Page - ams-OSRAM AG

Part # AS7341
Description  11-Channel Multi-Spectral Digital Sensor
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS7341 Datasheet(HTML) 20 Page - ams-OSRAM AG

Back Button AS7341 Datasheet HTML 16Page - ams-OSRAM AG AS7341 Datasheet HTML 17Page - ams-OSRAM AG AS7341 Datasheet HTML 18Page - ams-OSRAM AG AS7341 Datasheet HTML 19Page - ams-OSRAM AG AS7341 Datasheet HTML 20Page - ams-OSRAM AG AS7341 Datasheet HTML 21Page - ams-OSRAM AG AS7341 Datasheet HTML 22Page - ams-OSRAM AG AS7341 Datasheet HTML 23Page - ams-OSRAM AG AS7341 Datasheet HTML 24Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 69 page
background image
Document Feedback
AS7341
Functional Description
Datasheet
• PUBLIC
DS000504
• v3-00 • 2020-Jun-25
68
│ 19
8.2
Sensor Array
The device features a 4x4-photodiode array. On top and below the photodiode array there are two
photodiodes with dedicated functions such as flicker detection (
“FLICKER”) and near- infrared
response (
“NIR”). A clear channel (“C”) – photodiode without filter – is provided at the left and right
bottom corner. Each of the filter pairs can be mapped to one of the six internal ADCs (CH0
– CH5).
Figure 22:
Sensor Array
8.3
GPIO/INT
The GPIO can be either used as input for external photodiodes or as synchronization input to
start/stop the spectral measurement. (SYNS/SYND mode).The interrupt output pin INT can also be
used to indicate the status (READY/BUSY) of the spectral measurement in mode SYNS and SYND.
8.4
SMUX
AS7341 integrates a sensor multiplexer (SMUX) that enables high-flexibility photodiode channel
mapping to the six available ADCs. The 6 ADC limit requires that any measurement that includes
more than six of the 8 VIS + 3 specialty channels will require 2 integration cycles. In all cases, after
power-up, the SMUX needs to be configured before any spectral measurement is started. ams
provides reference code and an application note on how to configure the SMUX. When flicker
detection (FD) is used, the flicker diode needs to be configured to ADC5.
F3
F5
F7
F L I C K E R
NIR
F1
F8
F6
F1
F3
F4
F2
F4
F6
F5
F7
F2
F8
C
C
520µm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com