Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS7341 Datasheet(PDF) 5 Page - ams-OSRAM AG

Part # AS7341
Description  11-Channel Multi-Spectral Digital Sensor
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS7341 Datasheet(HTML) 5 Page - ams-OSRAM AG

  AS7341 Datasheet HTML 1Page - ams-OSRAM AG AS7341 Datasheet HTML 2Page - ams-OSRAM AG AS7341 Datasheet HTML 3Page - ams-OSRAM AG AS7341 Datasheet HTML 4Page - ams-OSRAM AG AS7341 Datasheet HTML 5Page - ams-OSRAM AG AS7341 Datasheet HTML 6Page - ams-OSRAM AG AS7341 Datasheet HTML 7Page - ams-OSRAM AG AS7341 Datasheet HTML 8Page - ams-OSRAM AG AS7341 Datasheet HTML 9Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 69 page
background image
Document Feedback
AS7341
General Description
Datasheet
• PUBLIC
DS000504
• v3-00 • 2020-Jun-25
68
│ 4
1.2
Applications
High-precision reflective color point and spectral measurements
Fluid color, turbidity or reagent based constituent analysis
Spectral power distribution and passive ambient CCT measurement for home and building
automation
High-end display color management
1.3
Block Diagram
The functional blocks of this device are shown below:
Figure 2 : Functional Blocks of AS7341
AS7341
VDD
SCL
SDA
1.8V
INT
GPIO
8CH VIS
NIR/CLE AR
350-100 0nm
sensor
GND
reflective
surface
light in
light
source
e.g.:
Flash LED
MCU
1.8V
LDR
PGND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com