Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS7341 Datasheet(PDF) 10 Page - ams-OSRAM AG

Part # AS7341
Description  11-Channel Multi-Spectral Digital Sensor
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS7341 Datasheet(HTML) 10 Page - ams-OSRAM AG

Back Button AS7341 Datasheet HTML 6Page - ams-OSRAM AG AS7341 Datasheet HTML 7Page - ams-OSRAM AG AS7341 Datasheet HTML 8Page - ams-OSRAM AG AS7341 Datasheet HTML 9Page - ams-OSRAM AG AS7341 Datasheet HTML 10Page - ams-OSRAM AG AS7341 Datasheet HTML 11Page - ams-OSRAM AG AS7341 Datasheet HTML 12Page - ams-OSRAM AG AS7341 Datasheet HTML 13Page - ams-OSRAM AG AS7341 Datasheet HTML 14Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 69 page
background image
Document Feedback
AS7341
Optical Characteristics
Datasheet
• PUBLIC
DS000504
• v3-00 • 2020-Jun-25
68
│ 9
6
Optical Characteristics
All limits are guaranteed. The parameters with Min and Max values are guaranteed with production
tests or SQC (Statistical Quality Control) methods. All voltages with respect to GND/PGND. Device
parameters are guaranteed at VDD=1.8V and TA=25°C unless otherwise noted.
Figure 7:
AS7341 Optical Channel Summary
Channel
Center Wavelength
[nm] typical
Full Width Half Maximum
[nm] typical
F1
415
26
F2
445
30
F3
480
36
F4
515
39
F5
555
39
F6
590
40
F7
630
50
F8
680
52
NIR (Near IR)
910
n/a
Clear
Si response/non filtered
n/a
FD (Flicker Detection)
Si response/non filtered
n/a



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com