Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS7341 Datasheet(PDF) 28 Page - ams-OSRAM AG

Part # AS7341
Description  11-Channel Multi-Spectral Digital Sensor
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS7341 Datasheet(HTML) 28 Page - ams-OSRAM AG

Back Button AS7341 Datasheet HTML 24Page - ams-OSRAM AG AS7341 Datasheet HTML 25Page - ams-OSRAM AG AS7341 Datasheet HTML 26Page - ams-OSRAM AG AS7341 Datasheet HTML 27Page - ams-OSRAM AG AS7341 Datasheet HTML 28Page - ams-OSRAM AG AS7341 Datasheet HTML 29Page - ams-OSRAM AG AS7341 Datasheet HTML 30Page - ams-OSRAM AG AS7341 Datasheet HTML 31Page - ams-OSRAM AG AS7341 Datasheet HTML 32Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 69 page
background image
Document Feedback
AS7341
Register Description
Datasheet
• PUBLIC
DS000504
• v3-00 • 2020-Jun-25
68
│ 27
Addr
Name
<D7>
<D6>
<D5>
<D4>
<D3>
<D2>
<D1>
<D0>
0xB2
CFG 9
SIEN
_FD
SIEN
_SMUX
0xB3
CFG 10
AGC_H [7:6]
AGC_L[7:6]
FD_PERS [2:0]
0xB5
CFG 12
SP_TH_CH [2:0]
0xBD
PERS
APERS [3:0]
0xBE
GPIO 2
GPIO_
INV
GPIO_
IN
GPIO_
OUT
GPIO_
IN
0xCA
ASTEP
ASTEP [7:0]
0xCB
ASTEP [15:8]
0xCF
AGC_GAIN_M
AX
AGC_FD_GAIN_MAX [7:4]
AGC_AGAIN_MAX [3:0]
0xD6
AZ_CONFIG
AT_NTH_ITERATION [7:0]
0xD8
FD_TIME 1
FD_TIME [7:0]
0xDA
FD_TIME 2
FD_GAIN [7:3]
FD_TIME [10:8]
0xD7
FD_CFG0
FD_
FIFO
0xDB
FD_STATUS
FD_
VALID
FD_
SAT
FD_
120HZ_
VALID
FD_
100Hz_
VALID
FD_
120Hz
FD_
100Hz
0xF9
INTENAB
ASIEN
SP_IEN
FIEN
CIEN
SIEN
0xFA
CONTROL
AZ_SP_
MAN
FIFO_
CLR
CLEAR_
SAI_ACT
0xFC
FIFO_MAP
FIFO_WRITE_CH5_DATA
– FIFO_WRITE_CH0_DATA [6:1]
ASTATU
S
0xFD
FIFO_LVL
FIFO_LVL [7:0]
0xFE
FDATA
FDATA [7:0]
0xFF
FDATA [15:8]
10.2
Detailed Register Description
For easier readability, the detailed register description is done in groups of registers related to
dedicated device functions. This is not necessarily related to its register address.
Explanation of register access abbreviations:
RW = read or write
R = read only
W = write only
SC = self-clearing after access



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com