Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS7341 Datasheet(PDF) 21 Page - ams-OSRAM AG

Part # AS7341
Description  11-Channel Multi-Spectral Digital Sensor
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS7341 Datasheet(HTML) 21 Page - ams-OSRAM AG

Back Button AS7341 Datasheet HTML 17Page - ams-OSRAM AG AS7341 Datasheet HTML 18Page - ams-OSRAM AG AS7341 Datasheet HTML 19Page - ams-OSRAM AG AS7341 Datasheet HTML 20Page - ams-OSRAM AG AS7341 Datasheet HTML 21Page - ams-OSRAM AG AS7341 Datasheet HTML 22Page - ams-OSRAM AG AS7341 Datasheet HTML 23Page - ams-OSRAM AG AS7341 Datasheet HTML 24Page - ams-OSRAM AG AS7341 Datasheet HTML 25Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 69 page
background image
Document Feedback
AS7341
Functional Description
Datasheet
• PUBLIC
DS000504
• v3-00 • 2020-Jun-25
68
│ 20
8.5
Integration Mode
The device features three modes to perform a spectral measurement. The integration mode
(INT_MODE) can be configured in register 0x70 (CONFIG). For auto zero configuration refer to
register 0xD6.
Figure 23:
Integration Mode Description
Mode
Description
Synchronization
Integration Time
Registers
SPM (spectral
measurement,
no sync)
INT_MODE = 0x0
Default setting:
Integration is started with bit SP_EN
= “1”. Integration Time is set by
register ATIME and ASTEP.
No
ATIME [7:0]
ASTEP [15:0]
SP_EN
= “1”
INT_MODE = 0x0
ATIME [7:0]
ASTEP [15:0]
WTIME [7:0]
SYNS (spectral
measurement,
start sync)
INT_MODE = 0x1
Integration with external start:
Integration is started with
rising/falling edge on pin GPIO.
Integration Time is set by register
ATIME and ASTEP.
Yes (start)
ATIME [7:0]
ASTEP [15:0]
SP_EN
= “1”
INT_MODE = 0x1
ATIME [7:0]
ASTEP [15:0]
WTIME [7:0]
SYND (spectral
measurement,
start/stop sync)
INT_MODE = 0x3
Integration with external start and
stop:
Integration is controlled via
rising/falling edge on pin GPIO and
register EDGE. If the number of
edges on pin GPIO is reached,
integration time is stopped. Actual
integration time can be read out in
register “ITIME”.
Yes (start/stop)
Rising/falling edge
on pin GPIO and
register EDGE[7:0]
SP_EN
= “1”
INT_MODE = 0x3
EDGE[7:0]
ITIME[23:0]
Figure 24 :
SPM Mode
STATE IDLE
AUTO
ZERO
INTEGRATION
Start
I2C write enable register
ATIME x ASTEP
RES-
ULT
WAIT
WTIME
auto re-start
INTEGRATION
RES-
ULT
I2C read data registers
I2C read data registers
INT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com