Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS7341 Datasheet(PDF) 4 Page - OSRAM GmbH

Part # AS7341
Description  11-Channel Multi-Spectral Digital Sensor
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

AS7341 Datasheet(HTML) 4 Page - OSRAM GmbH

  AS7341 Datasheet HTML 1Page - OSRAM GmbH AS7341 Datasheet HTML 2Page - OSRAM GmbH AS7341 Datasheet HTML 3Page - OSRAM GmbH AS7341 Datasheet HTML 4Page - OSRAM GmbH AS7341 Datasheet HTML 5Page - OSRAM GmbH AS7341 Datasheet HTML 6Page - OSRAM GmbH AS7341 Datasheet HTML 7Page - OSRAM GmbH AS7341 Datasheet HTML 8Page - OSRAM GmbH AS7341 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 69 page
background image
Document Feedback
AS7341
General Description
Datasheet
• PUBLIC
DS000504
• v3-00 • 2020-Jun-25
68
│ 3
1
General Description
The ams AS7341 is an 11-channel spectrometer enabling new consumer, commercial and laboratory
applications including spectral identification, reflection and absorption for color matching, fluid or
reagent analysis, passive ambient light measurement and color calibration. The spectral response is
defined by individual channels covering approximately 350nm to 1000nm with 8 channels centered in
the visible spectrum (VIS), plus one near-infrared (NIR) and a clear channel. The NIR channel in
combination with the other VIS channels may provide information of surrounding ambient light
conditions, including light source detection. Light source detection can be assisted by an integrated
flicker channel that can automatically flag ambient light flicker at 50/60Hz as well as buffer data for
externally calculating other flicker frequencies up to 2kHz.
AS7341 integrates high-precision optical filters onto standard CMOS silicon via nano-optic deposited
interference filter technology. A built-in aperture controls the light entering the sensor array to increase
accuracy. A programmable digital GPIO and LED current controller enable light source and trigger
control, as well as enabling expandability for an added external photodiode. Device control and
spectral data access is implemented through a serial I²C interface. The device is available in an ultra-
low profile package with dimensions of 3.1mm x 2mm x 1mm.
1.1
Key Benefits & Features
The benefits and features of AS7341, 11-Channel Multi-Spectral Digital Sensor, are listed below:
Figure 1: Added Value of Using AS7341
Benefits
Features
Precision color, spectral composition and
distribution measurments
8 optical channels distributed over the visible
spectral range + clear and NIR channels
realized via silicon nano-optic interference filter
deposition technologies
Low power consumption and efficient I²C
communication
● 1.8VDD operation, max 300µA
● Configurable sleep mode to <5µA
● Interrupt-driven device
Integrated ambient light flicker detection on
chip and light source detection through NIR
channel
● Dedicated channel
● Independently configurable timing and gain
● Automatic gain adjustment
● 50Hz and 60Hz flicker detection flags
Electronic shutter/trigger and synch control
GPIO can be used as external trigger input or
light source synchronization output
External photodiodes to expand detection range
GPIO can be used as input for external
photodiodes including mid-IR range



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com