Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS7341 Datasheet(PDF) 60 Page - OSRAM GmbH

Part # AS7341
Description  11-Channel Multi-Spectral Digital Sensor
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

AS7341 Datasheet(HTML) 60 Page - OSRAM GmbH

Back Button AS7341 Datasheet HTML 56Page - OSRAM GmbH AS7341 Datasheet HTML 57Page - OSRAM GmbH AS7341 Datasheet HTML 58Page - OSRAM GmbH AS7341 Datasheet HTML 59Page - OSRAM GmbH AS7341 Datasheet HTML 60Page - OSRAM GmbH AS7341 Datasheet HTML 61Page - OSRAM GmbH AS7341 Datasheet HTML 62Page - OSRAM GmbH AS7341 Datasheet HTML 63Page - OSRAM GmbH AS7341 Datasheet HTML 64Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 69 page
background image
Document Feedback
AS7341
Application Information
Datasheet
• PUBLIC
DS000504
• v3-00 • 2020-Jun-25
68
│ 59
11
Application Information
Figure 92 shows an example how AS7341 can be utilized to interface to an external InGaAs
photodiode. GPIO2 is mapped to an internal ADC.
11.1
Schematic
Figure 92:
Application Example with External InGaAs Detector
InGaAs sensor
1.55
–1.85µm NIR
C13272-02
CASE
InGaAS-Cathode
LOW-MIR
UP-MIR
InGaAS-Anode
AS1340
EN
GND
FB
VCC
LX
2.7V–5.5V
1.8V
MCU
1.8V
reflective
surface
light
source
ligh t in
Temperature supervision
25-40V
Filter tuning
light in
AS7341
VDD
SCL
SDA
INT
GPIO
8CH VIS
NIR/CLE AR
350-100 0nm
sensor
GND
LDR
PGND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com