Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS7341 Datasheet(PDF) 41 Page - OSRAM GmbH

Part # AS7341
Description  11-Channel Multi-Spectral Digital Sensor
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

AS7341 Datasheet(HTML) 41 Page - OSRAM GmbH

Back Button AS7341 Datasheet HTML 37Page - OSRAM GmbH AS7341 Datasheet HTML 38Page - OSRAM GmbH AS7341 Datasheet HTML 39Page - OSRAM GmbH AS7341 Datasheet HTML 40Page - OSRAM GmbH AS7341 Datasheet HTML 41Page - OSRAM GmbH AS7341 Datasheet HTML 42Page - OSRAM GmbH AS7341 Datasheet HTML 43Page - OSRAM GmbH AS7341 Datasheet HTML 44Page - OSRAM GmbH AS7341 Datasheet HTML 45Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 69 page
background image
Document Feedback
AS7341
Register Description
Datasheet
• PUBLIC
DS000504
• v3-00 • 2020-Jun-25
68
│ 40
CFG8 Register (Address 0xB1)
Figure 53:
CFG8 Register
Addr: 0xB1
CFG8
Bit
Bit Name
Default
Access
Bit Description
7:6
FIFO_TH
2
R/W
FIFO Threshold.
Sets a threshold on the FIFO level that triggers the
first FIFO buffer interrupt (FINT).
VALUE
FIFO_LVL
0
1
1
4
2
8
3
16
5:4
reserved
0
reserved
3
FD_AGC
1
RW
Flicker Detect AGC Enable.
If set, device uses automatic gain control for the
flicker detect engine to maximize flicker signal and
avoid saturation.
2
SP_AGC
0
RW
Spectral AGC enable.
If asserted, device uses automatic gain control for
the spectral engines to maximize signal while
avoiding saturation.
1
reserved
0
reserved
0
reserved
0
reserved
10.2.4
Device Identification
The following registers provided device identification. Device ID, revision ID and auxiliary ID are read
only.
AUXID Register (Address 0x90)
Figure 54:
AUXID Register
Addr: 0x90
AUXID
Bit
Bit Name
Default
Access
Bit Description
7:4
reserved
reserved
3:0
AUXID
000
R
Auxiliary identification



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com