Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS7341 Datasheet(PDF) 58 Page - OSRAM GmbH

Part # AS7341
Description  11-Channel Multi-Spectral Digital Sensor
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

AS7341 Datasheet(HTML) 58 Page - OSRAM GmbH

Back Button AS7341 Datasheet HTML 54Page - OSRAM GmbH AS7341 Datasheet HTML 55Page - OSRAM GmbH AS7341 Datasheet HTML 56Page - OSRAM GmbH AS7341 Datasheet HTML 57Page - OSRAM GmbH AS7341 Datasheet HTML 58Page - OSRAM GmbH AS7341 Datasheet HTML 59Page - OSRAM GmbH AS7341 Datasheet HTML 60Page - OSRAM GmbH AS7341 Datasheet HTML 61Page - OSRAM GmbH AS7341 Datasheet HTML 62Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 69 page
background image
Document Feedback
AS7341
Register Description
Datasheet
• PUBLIC
DS000504
• v3-00 • 2020-Jun-25
68
│ 57
FIFO_CFG0 Register (Address 0xD7)
Figure 88:
FIFO_CFG0 Register
Addr: 0xD7
FIFO_CFG0
Bit
Bit Name
Default
Access
Bit Description
7
FIFO_WRITE_FD
0
R/W
FIFO write Flicker Detection
If set flicker raw data is written into FIFO (two bytes
per sample)
Note: This bit is ignored if flicker detection is
disabled. Refer to register 0xFC for FDEN=”0”.
6:0
reserved
0100001
Reserved, do not change
FIFO_LVL Register (Address 0xFD)
Figure 89:
FIFO_LVL Register
Addr: 0xFD
FIFO_LVL
Bit
Bit Name
Default
Access
Bit Description
7:0
FIFO_LVL
0
R
FIFO Buffer Level.
Indicates the number of entries (each are 2 bytes)
available in the FIFO buffer waiting for readout. The
FIFO RAM is 256byte, the FIFO_LVL range is from 0
entries to 128 entries.
FDATA Register (Address 0xFE and 0xFF)
Figure 90:
FDATA Register
Addr: 0xFE
FDATA
Bit
Bit Name
Default
Access
Bit Description
7:0
FDATA
0
R
FIFO Buffer Data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com