Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS7341 Datasheet(PDF) 34 Page - OSRAM GmbH

Part # AS7341
Description  11-Channel Multi-Spectral Digital Sensor
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

AS7341 Datasheet(HTML) 34 Page - OSRAM GmbH

Back Button AS7341 Datasheet HTML 30Page - OSRAM GmbH AS7341 Datasheet HTML 31Page - OSRAM GmbH AS7341 Datasheet HTML 32Page - OSRAM GmbH AS7341 Datasheet HTML 33Page - OSRAM GmbH AS7341 Datasheet HTML 34Page - OSRAM GmbH AS7341 Datasheet HTML 35Page - OSRAM GmbH AS7341 Datasheet HTML 36Page - OSRAM GmbH AS7341 Datasheet HTML 37Page - OSRAM GmbH AS7341 Datasheet HTML 38Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 69 page
background image
Document Feedback
AS7341
Register Description
Datasheet
• PUBLIC
DS000504
• v3-00 • 2020-Jun-25
68
│ 33
ASTEP Register (Address 0xCA, 0xCB)
Figure 41:
ASTEP Register
Addr: 0xCA, 0xCB
ASTEP
Bit
Bit Name
Default
Access
Bit Description
7:0
ASTEP 0xCA
999
RW
Integration time step size.
Sets the integration time per step in increments of
2.78µs. The default value is 999.
VALUE
STEP SIZE
0
2.78µs
n
2.78µs x (n+1)
15:8
ASTEP 0xCB
599
1.67ms
999
2.78ms
17999
50ms
65534
182ms
65535
reserved, do not use
WTIME Register (Address 0x83)
If wait is enabled (WEN = “1” register 0x80), each new measurement is started based on WTIME. It is
necessary for WTIME to be sufficiently long for spectral integration and any other functions to be
completed within the period. The device will warn the user if the timing is configured incorrectly. If
WTIME is too short, then SP
_TRIG in register STATUS6 (ADDR: 0xA7) will be set to “1”.
Figure 42:
WTIME Register
Addr: 0x83
WTIME
Bit
Bit Name
Default
Access
Bit Description
7:0
WTIME
0x00
RW
Spectral Measurement Wait time.
8-bit value to specify the delay between two
consecutive spectral measurements.
Value
Wait Cycles
Wait Time
0x00
1
2.78ms
0x01
2
5.56ms
n
n
2.78ms x (n+1)
0xff
256
711ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com