Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS7341 Datasheet(PDF) 26 Page - OSRAM GmbH

Part # AS7341
Description  11-Channel Multi-Spectral Digital Sensor
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

AS7341 Datasheet(HTML) 26 Page - OSRAM GmbH

Back Button AS7341 Datasheet HTML 22Page - OSRAM GmbH AS7341 Datasheet HTML 23Page - OSRAM GmbH AS7341 Datasheet HTML 24Page - OSRAM GmbH AS7341 Datasheet HTML 25Page - OSRAM GmbH AS7341 Datasheet HTML 26Page - OSRAM GmbH AS7341 Datasheet HTML 27Page - OSRAM GmbH AS7341 Datasheet HTML 28Page - OSRAM GmbH AS7341 Datasheet HTML 29Page - OSRAM GmbH AS7341 Datasheet HTML 30Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 69 page
background image
Document Feedback
AS7341
Register Description
Datasheet
• PUBLIC
DS000504
• v3-00 • 2020-Jun-25
68
│ 25
10
Register Description
The device is controlled and monitored by registers accessed through the I²C serial interface. These
registers provide device control functions and can be read to determine device status and acquire
device data.
The register set is summarized below. The values of all registers and fields that are listed as reserved
or are not listed must not be changed at any time. Two-byte fields are always latched with the low byte
followed by the high byte. The
“Name” column illustrates the purpose of each register by highlighting
the function associated to each bit. The bits are shown from MSB (D7) to LSB (D0). GRAY fields are
reserved and their values must not be changed at any time.
In order to access registers from 0x60 to 0x74 bit REG_BANK in register CFG0 (0xA9) needs to be
set to “1”.
10.1
Register Overview
Figure 32:
Register Overview
Addr
Name
<D7>
<D6>
<D5>
<D4>
<D3>
<D2>
<D1>
<D0>
0x60
ASTATUS
ASAT_
STATUS
AGAIN_STATUS [3:0]
0x61
CH0_DATA
CH0_DATA_L [7:0]
0x62
CH0_DATA_H [7:0]
0x63
ITIME
ITIME_L [7:0]
0x64
ITIME_M [7:0]
0x65
ITIME_H [7:0]
0x66
CH1_DATA
CH1_DATA_L [7:0]
0x67
CH1_DATA_H [7:0]
0x68
CH2_DATA
CH2_DATA_L [7:0]
0x69
CH2_DATA_H [7:0]
0x6A
CH3_DATA
CH3_DATA_L [7:0]
0x6B
CH3_DATA_H [7:0]
0x6C
CH4_DATA
CH4_DATA_L [7:0]
0x6D
CH4_DATA_H [7:0]
0x6E
CH5_DATA
CH5_DATA_L [7:0]
0x6F
CH5_DATA_H [7:0]
0x70
CONFIG
LED_SEL
INT_SEL
INT_MODE[1:0]
0x71
STAT
WAIT_SYNC
READY
0x72
EDGE
SYNC_EDGE [7:0]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com