Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS7341 Datasheet(PDF) 9 Page - OSRAM GmbH

Part # AS7341
Description  11-Channel Multi-Spectral Digital Sensor
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

AS7341 Datasheet(HTML) 9 Page - OSRAM GmbH

Back Button AS7341 Datasheet HTML 5Page - OSRAM GmbH AS7341 Datasheet HTML 6Page - OSRAM GmbH AS7341 Datasheet HTML 7Page - OSRAM GmbH AS7341 Datasheet HTML 8Page - OSRAM GmbH AS7341 Datasheet HTML 9Page - OSRAM GmbH AS7341 Datasheet HTML 10Page - OSRAM GmbH AS7341 Datasheet HTML 11Page - OSRAM GmbH AS7341 Datasheet HTML 12Page - OSRAM GmbH AS7341 Datasheet HTML 13Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 69 page
background image
Document Feedback
AS7341
Electrical Characteristics
Datasheet
• PUBLIC
DS000504
• v3-00 • 2020-Jun-25
68
│ 8
5
Electrical Characteristics
All limits are guaranteed. The parameters with Min and Max values are guaranteed with production
tests or SQC (Statistical Quality Control) methods. All voltages with respect to GND/PGND. Device
parameters are guaranteed at VDD=1.8V and TA=25°C unless otherwise noted.
Figure 6:
Electrical Characteristics of AS7341
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VDD
Supply Voltage
1.7
1.8
2.0
V
TA
Operating free-air
temperature(1)
-30
25
70
°C
Power Consumption
IDD
Supply Current(2)
VDD=1.8V; TA=25°C
Active mode(3)
210
300
µA
VDD=1.8V; TA=25°C
Idle mode(4)
35
60
µA
VDD=1.8V; TA=25°C
Sleep mode(5)
0.7
5
µA
Digital pins
VIH
SCL,SDA input high
voltage
1.26
V
VIL
SCL,SDA input low
voltage
0.54
V
VOL
INT, SDA output low
voltage
6mA sink current
0.4
V
CI
Input pin capacitance
10
pF
Ileak
Leakage current into
SCL,SDA,INT pins
-5
5
µA
GPIO
CLOAD
Maximum capacitive
load GPIO
20
pF
(1)
While the device is operational across the temperature range, functionality will vary with temperature.
(2)
Supply current values are shown at the VDD pin and do not include current through pin LDR.
(3)
Active state occurs during active integration. (PON = “1” ; SP_EN = “1”) If wait is enabled (WEN = “1”), supply current is
lower during the wait period
(4)
Idle state occurs when PON = “1” and all functions are disabled
(5)
Sleep state occurs when PON = “0” and I2C bus is idle. If I2C traffic is active device automatically enters idle mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com