Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS7341 Datasheet(PDF) 47 Page - OSRAM GmbH

Part # AS7341
Description  11-Channel Multi-Spectral Digital Sensor
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

AS7341 Datasheet(HTML) 47 Page - OSRAM GmbH

Back Button AS7341 Datasheet HTML 43Page - OSRAM GmbH AS7341 Datasheet HTML 44Page - OSRAM GmbH AS7341 Datasheet HTML 45Page - OSRAM GmbH AS7341 Datasheet HTML 46Page - OSRAM GmbH AS7341 Datasheet HTML 47Page - OSRAM GmbH AS7341 Datasheet HTML 48Page - OSRAM GmbH AS7341 Datasheet HTML 49Page - OSRAM GmbH AS7341 Datasheet HTML 50Page - OSRAM GmbH AS7341 Datasheet HTML 51Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 69 page
background image
Document Feedback
AS7341
Register Description
Datasheet
• PUBLIC
DS000504
• v3-00 • 2020-Jun-25
68
│ 46
Addr: 0xA3
STATUS 2
Bit
Bit Name
Default
Access
Bit Description
4
ASAT_DIGITAL
0
R
Digital saturation.
Indicates that the maximum counter value has been
reached. Maximum counter value depends on
integration time set in the ATIME register.
3
ASAT_ANALOG
0
R
Analog saturation.
Indicates that the intensity of ambient light has
exceeded the maximum integration level for the
spectral analog circuit.
2
reserved
0
R
reserved
1
FDSAT_ANALOG
0
R
Flicker detect analog saturation.
Indicates that the intensity of ambient light has
exceeded the maximum integration level for the
analog circuit for flicker detection.
0
FDSAT_DIGITAL
0
R
Flicker detect digital saturation.
Indicates that the maximum counter value has been
reached during flicker detection.
STATUS 3 Register (Address 0xA4)
Figure 65:
STATUS 3 Register
Addr: 0xA4
STATUS 3
Bit
Bit Name
Default
Access
Bit Description
7:6
reserved
0
reserved
5
INT_SP_H
0
R
Spectral interrupt high.
Indicates that a spectral interrupt occurred because
the data exceeded the high threshold.
4
INT_SP_L
0
R
Spectral interrupt low.
Indicates that a spectral interrupt occurred because
the data is below the low threshold.
3:0
reserved
0
reserved
STATUS 5 Register (Address 0xA6)
Figure 66:
STATUS 5 Register
Addr: 0xA6
STATUS 5
Bit
Bit Name
Default
Access
Bit Description
7:4
reserved
0
reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com