Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS7343 Datasheet(PDF) 4 Page - ams-OSRAM AG

Part # AS7343
Description  14-Channel Multi-Spectral Sensor
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS7343 Datasheet(HTML) 4 Page - ams-OSRAM AG

  AS7343 Datasheet HTML 1Page - ams-OSRAM AG AS7343 Datasheet HTML 2Page - ams-OSRAM AG AS7343 Datasheet HTML 3Page - ams-OSRAM AG AS7343 Datasheet HTML 4Page - ams-OSRAM AG AS7343 Datasheet HTML 5Page - ams-OSRAM AG AS7343 Datasheet HTML 6Page - ams-OSRAM AG AS7343 Datasheet HTML 7Page - ams-OSRAM AG AS7343 Datasheet HTML 8Page - ams-OSRAM AG AS7343 Datasheet HTML 9Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 58 page
background image
Document Feedback
AS7343
General Description
Datasheet
• PUBLIC
DS001046
• v6-00 • 2023-Jun-07
57
│ 3
1
General Description
The ams OSRAM AS7343 is a 14-channel highly versatile, multi-purpose spectral sensor enabling
new consumer, commercial, industrial and laboratory applications. It is optimized for reflective,
transmissive and emissive measurements including color matching, fluid or reagent analysis, lateral
flow test applications and spectral identification in the visible range.
The spectral response is defined by individual channels covering approximately 380 nm to 1000 nm
with 11 channels centered in the visible spectrum (VIS), plus one near-infrared (NIR) and a clear
channel.
AS7343 integrates high-precision optical filters onto standard CMOS silicon via deposited interference
filter technology. A built-in aperture controls the light entering the sensor array to increase accuracy. A
programmable digital GPIO and LED driver enable light source and trigger/sync control. Device control
and spectral data access is implemented through a serial I²C interface. The device is available in an
ultra-low profile package with dimensions of 3.1 mm x 2 mm x 1 mm.
1.1
Key Benefits & Features
The benefits and features of AS7343, 14-Channel Multi-Spectral Sensor, are listed below:
Figure 1:
Added Value of Using AS7343
Benefits
Features
Highly versatile multi-purpose spectral
sensor
● 14 channels between 380 nm and 1000 nm
● Reflective, transmissive and emissive applications
Highest sensitivity
● Enables ultra-low light operation
● Enables operation behind dark glass or additional
external filters
Low power consumption and minimum I²C
traffic
● 1.8 V VDD operation
● Configurable sleep mode
● Interrupt-driven device
Ultra-high integration
● On chip interference filter technology
● Integrated LED driver and 6 integrated ADCs
● 3.1 mm x 2 mm x 1 mm package outline



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com