Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS7343 Datasheet(PDF) 47 Page - ams-OSRAM AG

Part # AS7343
Description  14-Channel Multi-Spectral Sensor
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS7343 Datasheet(HTML) 47 Page - ams-OSRAM AG

Back Button AS7343 Datasheet HTML 43Page - ams-OSRAM AG AS7343 Datasheet HTML 44Page - ams-OSRAM AG AS7343 Datasheet HTML 45Page - ams-OSRAM AG AS7343 Datasheet HTML 46Page - ams-OSRAM AG AS7343 Datasheet HTML 47Page - ams-OSRAM AG AS7343 Datasheet HTML 48Page - ams-OSRAM AG AS7343 Datasheet HTML 49Page - ams-OSRAM AG AS7343 Datasheet HTML 50Page - ams-OSRAM AG AS7343 Datasheet HTML 51Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 58 page
background image
Document Feedback
AS7343
Register Description
Datasheet
• PUBLIC
DS001046
• v6-00 • 2023-Jun-07
57
│ 46
10.2.9
FIFO Buffer Data and Status
The FIFO buffer is used to poll spectral data with fewer I²C read and write transactions. The FIFO
buffer is 256 bytes of RAM containing 128 two-byte datasets. If the FIFO overflows (i.e. 129 datasets
before host reads data from the FIFO buffer), an overflow flag will be set and new data will be lost.
The host acquires data by reading addresses: 0xFE
– 0xFF. The register address pointer
automatically wraps from 0xFF to 0xFE as data are read. Data can be read one byte at a time or in
blocks, (there is no block-read length limit). When reading single bytes, the internal FIFO read pointer
and the FIFO Buffer Level, FIFO_LVL, are updated each time register 0xFF is read. For block-reads,
the internal FIFO read pointer and the FIFO Buffer Level, FIFO_LVL update for each two-byte entry. If
the FIFO continues to be accessed after FIFO_LVL = 0, the device will return 0 for all data. The FINT
interrupt indicates when there is valid data in the FIFO buffer. The amount of unread data is indicated
by the FIFO_LVL.
FIFO_MAP Register (Address 0xFC)
Figure 59:
FIFO_MAP Register
Addr: 0xFC
FIFO_MAP
Bit
Bit Name
Default
Access
Bit Description
7
Reserved
0
Reserved
6
FIFO_WRITE_CH5_DATA
0
RW
FIFO Write CH5 Data.
If set, CH5 data is written to the FIFO Buffer (two
bytes per sample).
Note: If flicker detection is enabled, this bit is
ignored. Refer to register 0xD7 for FDEN=”1”.
5
FIFO_WRITE_CH4_DATA
0
RW
FIFO Write CH4 Data.
If set, CH4 data is written to the FIFO Buffer (two
bytes per sample).
4
FIFO_WRITE_CH3_DATA
0
RW
FIFO Write CH3 Data.
If set, CH3 data is written to the FIFO Buffer (two
bytes per sample).
3
FIFO_WRITE_CH2_DATA
0
RW
FIFO Write CH2 Data.
If set, CH2 data is written to the FIFO Buffer (two
bytes per sample).
2
FIFO_WRITE_CH1_DATA
0
RW
FIFO Write CH1 Data.
If set, CH1 data is written to the FIFO Buffer (two
bytes per sample).
1
FIFO_WRITE_CH0_DATA
0
RW
FIFO Write CH0 Data.
If set, CH0 data is written to the FIFO Buffer (two
bytes per sample).
0
FIFO_WRITE_ASTATUS
0
RW
FIFO Write Status.
If set, ASTATUS (one byte per sample) is written
to the FIFO Buffer.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com