Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS7343 Datasheet(PDF) 55 Page - ams-OSRAM AG

Part # AS7343
Description  14-Channel Multi-Spectral Sensor
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS7343 Datasheet(HTML) 55 Page - ams-OSRAM AG

Back Button AS7343 Datasheet HTML 50Page - ams-OSRAM AG AS7343 Datasheet HTML 51Page - ams-OSRAM AG AS7343 Datasheet HTML 52Page - ams-OSRAM AG AS7343 Datasheet HTML 53Page - ams-OSRAM AG AS7343 Datasheet HTML 54Page - ams-OSRAM AG AS7343 Datasheet HTML 55Page - ams-OSRAM AG AS7343 Datasheet HTML 56Page - ams-OSRAM AG AS7343 Datasheet HTML 57Page - ams-OSRAM AG AS7343 Datasheet HTML 58Page - ams-OSRAM AG  
Zoom Inzoom in Zoom Outzoom out
 55 / 58 page
background image
Document Feedback
AS7343
Soldering & Storage Information
Datasheet
• PUBLIC
DS001046
• v6-00 • 2023-Jun-07
57
│ 54
14
Soldering & Storage Information
The module has been tested and has demonstrated an ability to be reflow soldered to a PCB
substrate. The solder reflow profile describes the expected maximum heat exposure of components
during the solder reflow process of product on a PCB. Temperature is measured on top of component.
The components should be limited to a maximum of three passes through this solder reflow profile.
Figure 70:
Solder Reflow Profile Graph
Figure 71:
Solder Reflow Profile
Parameter
Reference
Device
Average temperature gradient in preheating
2.5 °C/s
Soak time
tsoak
2 to 3 minutes
Time above 217 °C (T1)
t1
Max 60 s
Time above 230 °C (T2)
t2
Max 50 s
Time above Tpeak
– 10 °C (T3)
t3
Max 10 s
Peak temperature in reflow
Tpeak
260 °C
Temperature gradient in cooling
Max −5 °C/s



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com