Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS7343 Datasheet(PDF) 22 Page - ams-OSRAM AG

Part # AS7343
Description  14-Channel Multi-Spectral Sensor
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS7343 Datasheet(HTML) 22 Page - ams-OSRAM AG

Back Button AS7343 Datasheet HTML 18Page - ams-OSRAM AG AS7343 Datasheet HTML 19Page - ams-OSRAM AG AS7343 Datasheet HTML 20Page - ams-OSRAM AG AS7343 Datasheet HTML 21Page - ams-OSRAM AG AS7343 Datasheet HTML 22Page - ams-OSRAM AG AS7343 Datasheet HTML 23Page - ams-OSRAM AG AS7343 Datasheet HTML 24Page - ams-OSRAM AG AS7343 Datasheet HTML 25Page - ams-OSRAM AG AS7343 Datasheet HTML 26Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 58 page
background image
Document Feedback
AS7343
Register Description
Datasheet
• PUBLIC
DS001046
• v6-00 • 2023-Jun-07
57
│ 21
10
Register Description
The device is controlled and monitored by registers accessed through the I²C serial interface. These
registers provide device control functions and can be read to determine device status and acquire
device data.
The register set is summarized below. The values of all registers and fields that are listed as reserved
or are not listed must not be changed at any time. Two-byte fields are always latched with the low byte
followed by the high byte. The
“Name” column illustrates the purpose of each register by highlighting
the function associated to each bit. The bits are shown from MSB (D7) to LSB (D0). GRAY fields are
reserved and their values must not be changed at any time.
In order to access registers from 0x58 to 0x66 bit REG_BANK in register CFG0 (0xBF) needs to be
set to “1”. For register access of registers 0x80 and above bit REG_BANK needs to be set to “0”.
10.1
Register Overview
Figure 20:
Register Overview
Addr
Name
<D7>
<D6>
<D5>
<D4>
<D3>
<D2>
<D1>
<D0>
0x58
AUXID
AUXID [3:0]
0x59
REVID
REVID [2:0]
0x5A
ID
ID [7:0]
0x66
CFG12
SP_TH_CH [2:0]
0x80
ENABLE
FDEN
SMUXE
N
WEN
SP_EN
PON
0x81
ATIME
ATIME [7:0]
0x83
WTIME
WTIME [7:0]
0x84
SP_TH_L
SP_TH_L_LSB [7:0]
0x85
SP_TH_L_MSB [7:0]
0x86
SP_TH_H
SP_TH_H_LSB [7:0]
0x87
SP_TH_H_MSB [7:0]
0x93
STATUS
ASAT
AINT
FINT
SINT
0x94
ASTATUS
ASAT_
STATU
S
AGAIN_STATUS [3:0]
0x95
DATA_0
DATA_0_L [7:0]
0x96
DATA_0_H [7:0]
0x97
DATA_1
DATA_1_L [7:0]
0x98
DATA_1_H [7:0]
0x99
DATA_2
DATA_2_L [7:0]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com