Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS7343 Datasheet(PDF) 14 Page - ams-OSRAM AG

Part # AS7343
Description  14-Channel Multi-Spectral Sensor
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS7343 Datasheet(HTML) 14 Page - ams-OSRAM AG

Back Button AS7343 Datasheet HTML 10Page - ams-OSRAM AG AS7343 Datasheet HTML 11Page - ams-OSRAM AG AS7343 Datasheet HTML 12Page - ams-OSRAM AG AS7343 Datasheet HTML 13Page - ams-OSRAM AG AS7343 Datasheet HTML 14Page - ams-OSRAM AG AS7343 Datasheet HTML 15Page - ams-OSRAM AG AS7343 Datasheet HTML 16Page - ams-OSRAM AG AS7343 Datasheet HTML 17Page - ams-OSRAM AG AS7343 Datasheet HTML 18Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 58 page
background image
Document Feedback
AS7343
Optical Characteristics
Datasheet
• PUBLIC
DS001046
• v6-00 • 2023-Jun-07
57
│ 13
Figure 10:
Optical Characteristics of AS7343, AGAIN: 128x, Integration Time: 11 ms (unless otherwise
noted)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Dark_1(1)
Dark ADC count
value
Ee = 0
μW/cm2
AGAIN: 512x
Integration time:
98 ms
0
5
counts
Gain
ratio(2)
Optical gain ratios,
relative to 64x gain
setting
AGAIN: 0.5x
7.49
7.9
8.28
See
note(3)
AGAIN: 1x
15
15.8
16.5
AGAIN: 2x
30
31.6
33.2
AGAIN: 4x
61
64
67
AGAIN: 8x
117
124
130
AGAIN: 16x
235
247
259
AGAIN: 32x
0.475
0.5
0.525
AGAIN: 64x
1
AGAIN: 128x
1.9
2
2.1
AGAIN: 256x
3.9
4.1
4.3
AGAIN: 512x
8.1
8.6
9.1
AGAIN: 1024x
15.2
16.9
18.6
AGAIN: 2048x
28.2
34.75
41.3
ADC
noise(4)
White LED, 2700 K
Integration time:
100 ms
0.05
% full
scale
tint
Typical integration
time(5)
ASTEP = 599
ATIME = 29
50
ms
tASTEP
Integration time step
size
ASTEP = 999
2.78
ms
hca
Half cone angle
On the sensor
40
deg
(1)
The typical 3-sigma distribution is between 0 and 1 counts for AGAIN setting of 16x.
(2)
The gain ratios are relative to 64x gain setting and are calculated relative to the response with integration time: 11 ms
and AGAIN: 128x.
(3)
ADC noise is calculated as the standard deviation of relative to full scale.
(4)
Integration time, in milliseconds, is equal to: (ATIME + 1) x (ASTEP + 1) x 2.78 µs
(5)
AGAIN ratio 0.5x to 16x is multiplied by 1000 for easier readability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com