Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS7343 Datasheet(PDF) 50 Page - ams-OSRAM AG

Part # AS7343
Description  14-Channel Multi-Spectral Sensor
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS7343 Datasheet(HTML) 50 Page - ams-OSRAM AG

Back Button AS7343 Datasheet HTML 46Page - ams-OSRAM AG AS7343 Datasheet HTML 47Page - ams-OSRAM AG AS7343 Datasheet HTML 48Page - ams-OSRAM AG AS7343 Datasheet HTML 49Page - ams-OSRAM AG AS7343 Datasheet HTML 50Page - ams-OSRAM AG AS7343 Datasheet HTML 51Page - ams-OSRAM AG AS7343 Datasheet HTML 52Page - ams-OSRAM AG AS7343 Datasheet HTML 53Page - ams-OSRAM AG AS7343 Datasheet HTML 54Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 58 page
background image
Document Feedback
AS7343
Application Information
Datasheet
• PUBLIC
DS001046
• v6-00 • 2023-Jun-07
57
│ 49
11
Application Information
11.1
Schematic
Figure 64:
Application Example
11.2
PCB Pad Layout
Figure 65:
Recommended PCB Pad Layout
(1)
All dimensions are in millimeters.
(2)
Dimension tolerances are 0.05 mm unless otherwise noted.
(3)
This drawing is subject to change without notice.
VDD
1.8V
Vbus
1.8V
AS7343
VDD
SCL
SDA
INT
GPIO
14CH
Spectral
Sensor
380-1000nm
GND
LDR
PGND
C1
4.7uF
R1
22R
C2
1uF
R2
2k2
R3
2k2
R4
10k
SCL
SDA
INT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com