Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS7343 Datasheet(PDF) 40 Page - ams-OSRAM AG

Part # AS7343
Description  14-Channel Multi-Spectral Sensor
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS7343 Datasheet(HTML) 40 Page - ams-OSRAM AG

Back Button AS7343 Datasheet HTML 36Page - ams-OSRAM AG AS7343 Datasheet HTML 37Page - ams-OSRAM AG AS7343 Datasheet HTML 38Page - ams-OSRAM AG AS7343 Datasheet HTML 39Page - ams-OSRAM AG AS7343 Datasheet HTML 40Page - ams-OSRAM AG AS7343 Datasheet HTML 41Page - ams-OSRAM AG AS7343 Datasheet HTML 42Page - ams-OSRAM AG AS7343 Datasheet HTML 43Page - ams-OSRAM AG AS7343 Datasheet HTML 44Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 58 page
background image
Document Feedback
AS7343
Register Description
Datasheet
• PUBLIC
DS001046
• v6-00 • 2023-Jun-07
57
│ 39
Addr: 0x91
STATUS 3
Bit
Bit Name
Default
Access
Bit Description
Indicates that a spectral interrupt occurred because
the data exceeded the high threshold.
4
INT_SP_L
0
R
Spectral Interrupt Low.
Indicates that a spectral interrupt occurred because
the data is below the low threshold.
3:0
Reserved
0
Reserved
STATUS 5 Register (Address 0xBB)
Figure 47:
STATUS 5 Register
Addr: 0xBB
STATUS 5
Bit
Bit Name
Default
Access
Bit Description
7:4
Reserved
0
Reserved
3
SINT_FD
0
R
Flicker Detect Interrupt.
If SIEN_FD is set, indicates that the FD_STATUS
register status has changed
2
SINT_SMUX
0
R
SMUX Operation Interrupt.
Indicates that SMUX command execution has
finished.
1:0
Reserved
0
Reserved
STATUS 4 Register (Address 0xBC)
Figure 48:
STATUS 4 Register
Addr: 0xBC
STATUS 4
Bit
Bit Name
Default
Access
Bit Description
7
FIFO_OV
0
R
FIFO Buffer Overflow.
Indicates that the FIFO buffer overflowed and
information has been lost. Bit is automatically
cleared when the FIFO buffer is read
6
Reserved
0
R
Reserved
5
OVTEMP
0
R
Over Temperature Detected.
Indicates the device temperature is too high. Write 1
to clear this bit.
4
FD_TRIG
0
R
Flicker Detect Trigger Error.
Indicates that there is a timing error that prevents
flicker detect from working correctly.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com