Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TCS3530 Datasheet (PDF) - ams AG

TCS3530 Datasheet PDF - ams AG
Part # TCS3530
Download  TCS3530 Download
File Size   2266.53 Kbytes
Page   105 Pages
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG
Description Fully Embedded, True Color Ambient Light Sensor with Selective Flicker

TCS3530 Datasheet (PDF)

Go To PDF Page Download Datasheet
TCS3530 Datasheet PDF - ams AG

Part # TCS3530
Download  TCS3530 Click to download

File Size   2266.53 Kbytes
Page   105 Pages
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG
Description Fully Embedded, True Color Ambient Light Sensor with Selective Flicker

TCS3530 Datasheet (HTML) - ams AG


TCS3530 Product details

Features
• Configurable, high sensitivity
• Programmable gain and integration time
• 8192x dynamic range by gain adjustment only
• 1mlux minimum detectable illuminance (100ms)
• Tailored ALS and color response
• UV/IR blocking filter for all channels
• Clear reference channel
• ALS/color interrupt with thresholds
• Flicker-immune ambient light sensing with
programmable integration time
• Independently configurable timing and gain
• Concurrent flicker and ALS measurement with new
simplified readout methodology
• Up to 7kHz flicker detection (14kHz sampling)
• FIFO buffer interrupt
• 1.8VBUS and 1.2VBUS operation
• Configurable sleep mode
• Interrupt-driven device
• I²C interface up to 1 MHz (Fast-Mode Plus)
• On-chip data compression decreases serial bus traffic
• Digital and analog ALS saturation flags

Applications
TCS3530 integrates multiple applications within one device.
The applications for TCS3530 include:
• CCT and chromaticity calculation
• Auxiliary auto white balancing
• Light type identification
• Flicker-immune camera operation




Similar Part No. - TCS3530

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
TCS3530 OSRAM-TCS3530 Datasheet
2Mb / 106P
Fully Embedded, True Color Ambient Light Sensor with Selective Flicker Detection
v3-00 2023-Jun-23
TCS35303-2 OSRAM-TCS35303-2 Datasheet
2Mb / 106P
Fully Embedded, True Color Ambient Light Sensor with Selective Flicker Detection
v3-00 2023-Jun-23
TCS35303-2M OSRAM-TCS35303-2M Datasheet
2Mb / 106P
Fully Embedded, True Color Ambient Light Sensor with Selective Flicker Detection
v3-00 2023-Jun-23
More results


Similar Description - TCS3530

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VCNL4020 VISHAY-VCNL4020 Datasheet
219Kb / 16P
Fully Integrated Proximity and Ambient Light Sensor
20-Jul-12
logo
KODENSHI_AUK CORP.
KOE1615 KODENSHI-KOE1615 Datasheet
205Kb / 3P
Ambient Light Sensor
logo
Everlight Electronics C...
ALS-PT19-315C-L177-TR8 EVERLIGHT-ALS-PT19-315C-L177-TR8_15 Datasheet
254Kb / 11P
Ambient Light Sensor
logo
ON Semiconductor
NOA1305 ONSEMI-NOA1305 Datasheet
279Kb / 13P
Ambient Light Sensor
October, 2012 ??Rev. 0
NOA1213 ONSEMI-NOA1213 Datasheet
103Kb / 8P
Ambient Light Sensor
November, 2015 ??Rev. P1
logo
Vishay Siliconix
TEMD6010FX01 VISHAY-TEMD6010FX01_12 Datasheet
121Kb / 5P
Ambient Light Sensor
20-Aug-12
logo
ON Semiconductor
NOA1212 ONSEMI-NOA1212_17 Datasheet
107Kb / 8P
Ambient Light Sensor
November, 2017 ??Rev. 4
logo
ams AG
TCS3707 AMSCO-TCS3707 Datasheet
94Kb / 4P
ALS/Color Sensor with Flicker Detection
2018-Dec-19
logo
New Japan Radio
NJL7502R NJRC-NJL7502R Datasheet
190Kb / 8P
Ambient Light Sensor
Ver.2014-12-02
logo
ams AG
TCS3408 AMSCO-TCS3408 Datasheet
1Mb / 52P
ALS/Color Sensor with Selective Flicker Detection
v2-00 2023-Feb-01
More results




About ams AG


ams AG is a multinational company that designs and manufactures advanced sensor solutions and analog ICs (integrated circuits). The company was founded in 1981 in Austria and has its headquarters in Premstaetten, Austria.

ams AG's product portfolio includes sensors for applications such as mobile devices, automotive, industrial automation, medical, and smart homes. The company also provides ICs for power management, wireless connectivity, and audio processing.

In recent years, ams AG has expanded its business through acquisitions of companies such as TAOS Inc., Heptagon, and Osram Licht AG, which have strengthened the company's expertise in optical sensing and lighting technologies.

ams AG is listed on the SIX Swiss Exchange and has a global presence with offices and production sites in Europe, Asia, and the Americas.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com