Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TCS3530 Datasheet(PDF) 2 Page - ams AG

Part # TCS3530
Description  Fully Embedded, True Color Ambient Light Sensor with Selective Flicker
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

TCS3530 Datasheet(HTML) 2 Page - ams AG

  TCS3530 Datasheet HTML 1Page - ams AG TCS3530 Datasheet HTML 2Page - ams AG TCS3530 Datasheet HTML 3Page - ams AG TCS3530 Datasheet HTML 4Page - ams AG TCS3530 Datasheet HTML 5Page - ams AG TCS3530 Datasheet HTML 6Page - ams AG TCS3530 Datasheet HTML 7Page - ams AG TCS3530 Datasheet HTML 8Page - ams AG TCS3530 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 105 page
background image
Page 2
Datasheet, Public
Document Feedback
[v3-00] 2023-Jun-23
TCS3530 − General Description
Key Benefits & Features
The benefits and features of TCS3530 are listed below:
Figure 1:
Added Value of Using TCS3530
Applications
TCS3530 integrates multiple applications within one device.
The applications for TCS3530 include:
• CCT and chromaticity calculation
• Auxiliary auto white balancing
• Light type identification
• Flicker-immune camera operation
Benefits
Features
• Invisible ambient light and color sensing
under glass
• Configurable, high sensitivity
• Programmable gain and integration time
• 8192x dynamic range by gain adjustment only
• 1mlux minimum detectable illuminance (100ms)
• Tailored ALS and color response
• UV/IR blocking filter for all channels
• Clear reference channel
• ALS/color interrupt with thresholds
• Unique fast ALS integration mode
• Flicker-immune ambient light sensing with
programmable integration time
• Integrated ambient light flicker detection on
chip
• Independently configurable timing and gain
• Concurrent flicker and ALS measurement with new
simplified readout methodology
• Up to 7kHz flicker detection (14kHz sampling)
• FIFO buffer interrupt
• Low power consumption and minimum I²C
traffic (optional I3C mode)
• 1.8VBUS and 1.2VBUS operation
• Configurable sleep mode
• Interrupt-driven device
• I²C interface up to 1 MHz (Fast-Mode Plus)
• On-chip data compression decreases serial bus traffic
• Integrated status checking for all functions
• Digital and analog ALS saturation flags



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com