Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TCS3530 Datasheet(PDF) 19 Page - ams AG

Part # TCS3530
Description  Fully Embedded, True Color Ambient Light Sensor with Selective Flicker
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

TCS3530 Datasheet(HTML) 19 Page - ams AG

Back Button TCS3530 Datasheet HTML 15Page - ams AG TCS3530 Datasheet HTML 16Page - ams AG TCS3530 Datasheet HTML 17Page - ams AG TCS3530 Datasheet HTML 18Page - ams AG TCS3530 Datasheet HTML 19Page - ams AG TCS3530 Datasheet HTML 20Page - ams AG TCS3530 Datasheet HTML 21Page - ams AG TCS3530 Datasheet HTML 22Page - ams AG TCS3530 Datasheet HTML 23Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 105 page
background image
Datasheet, Public
Page 19
[v3-00] 2023-Jun-23
Document Feedback
TCS3530 − Register Overview
0x83
SAMPLE_TIME0
Flicker and ALS sample time settings 0
0x60
0x84
SAMPLE_TIME1
Flicker and ALS sample time settings 1
0x16
0x85
SAMPLE_TIME_
ALTERNATIVE0
Alternative sample time setting 0
0x60
0x86
SAMPLE_TIME_
ALTERNATIVE1
Alternative sample time setting 1
0x16
0x87
ALS_NR_SAMPLES0
ALS number of samples setting 0
0x00
0x88
ALS_NR_SAMPLES1
ALS number of samples setting 1
0x00
0x89
ALS_NR_SAMPLES_
ALTERNATIVE0
Alternative ALS number of samples setting 0
0x00
0x8A
ALS_NR_SAMPLES_
ALTERNATIVE1
Alternative ALS number of samples setting 1
0x00
0x8B
FD_NR_SAMPLES0
ALS Interrupt Low Threshold [15:8]
0x00
0x8C
FD_NR_SAMPLES1
ALS Interrupt Low Threshold [23:16]
0x00
0x8D
FD_NR_SAMPLES_
ALTERNATIVE0
ALS Interrupt High Threshold [7:0]
0x00
0x8E
FD_NR_SAMPLES_
ALTERNATIVE1
ALS Interrupt High Threshold [15:8]
0x00
0x8F
WTIME
Wait Time
0x00
0x90
AUX_ID
Auxiliary Identification
0x00
0x91
REV_ID
Revision Identification
0x14
0x92
ID
Device Identification
0x68
0x93
AILT0
ALS Interrupt Low Threshold 0
0x00
0x94
AILT1
ALS Interrupt Low Threshold 1
0x00
0x95
AILT2
ALS Interrupt Low Threshold 2
0x00
0x96
AIHT0
ALS Interrupt High Threshold 0
0x00
0x97
AIHT1
ALS Interrupt High Threshold 1
0x00
0x98
AIHT2
ALS Interrupt High Threshold 2
0x00
0x99
AGC_NR_
SAMPLES[7:0]
AGC Number of Samples
0x00
0x9A
AGC_NR_
SAMPLES[10:8]
AGC Number of Samples
0x00
0x9B
STATUS
Device Status Information
0x00
0x9C
STATUS2
Device Status Information 2
0x00
Addr
Name
Description
Reset



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com