Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TCS3530 Datasheet(PDF) 32 Page - ams AG

Part # TCS3530
Description  Fully Embedded, True Color Ambient Light Sensor with Selective Flicker
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

TCS3530 Datasheet(HTML) 32 Page - ams AG

Back Button TCS3530 Datasheet HTML 28Page - ams AG TCS3530 Datasheet HTML 29Page - ams AG TCS3530 Datasheet HTML 30Page - ams AG TCS3530 Datasheet HTML 31Page - ams AG TCS3530 Datasheet HTML 32Page - ams AG TCS3530 Datasheet HTML 33Page - ams AG TCS3530 Datasheet HTML 34Page - ams AG TCS3530 Datasheet HTML 35Page - ams AG TCS3530 Datasheet HTML 36Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 105 page
background image
Page 32
Datasheet, Public
Document Feedback
[v3-00] 2023-Jun-23
TCS3530 − Register O ver view
ALS_NR_SAMPLES_ALTERNATIVE0 Register
Figure 33:
ALS_NR_SAMPLES_ALTERNATIVE0
Note(s):
1. Return to the Register Map (0x89).
ALS_NR_SAMPLES_ALTERNATIVE1 Register
Figure 34:
ALS_NR_SAMPLES_ALTERNATIVE1
Note(s):
1. Return to the Register Map (0x8A).
Addr: 0x89
ALS_NR_SAMPLES_ALTERNATIVE0
Bit
Field
Reset
Type
Bit Description
7:0
ALS_NR_
SAMPLES_
ALTERNATIVE[7:0]
0R/W
ALS_NR_OF_SAMPLES_ALTERNATIVE defines the total
measurement time for ALS together with SAMPLE_TIME in
steps of 1.388889μs modulator clock. Please observe that
ALS_NR_OF_SAMPLES_ALTERNATIVE needs to be set in
register 0x89 and 0x8A (11-bit wide). It counts from
0-2047 (2048 counts).
ALSMeasurementTime = (ALS_NR_SAMPLES_
ALTERNATIVE+1) x (SAMPLE_TIME+1) x 1.388889μs
Default: 250μs = (0+1) x (179+1) x 1.388889μs
Example: 100ms = (399+1) x (179+1) x 1.388889μs
Attention: In case residual measurement is enabled,
SAMPLE_TIME is reduced, which also reduces
ALSMeasurementTime.
Addr: 0x8A
ALS_NR_SAMPLES_ALTERNATIVE1
Bit
Field
Reset
Type
Bit Description
7:3
Reserved
0
2:0
ALS_NR_
SAMPLES_
ALTERNATIVE[10:8]
0
R/W
Please see ALS_NR_SAMPLES_ALTERNATIVE0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com