Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TCS3530 Datasheet(PDF) 71 Page - ams AG

Part # TCS3530
Description  Fully Embedded, True Color Ambient Light Sensor with Selective Flicker
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

TCS3530 Datasheet(HTML) 71 Page - ams AG

Back Button TCS3530 Datasheet HTML 67Page - ams AG TCS3530 Datasheet HTML 68Page - ams AG TCS3530 Datasheet HTML 69Page - ams AG TCS3530 Datasheet HTML 70Page - ams AG TCS3530 Datasheet HTML 71Page - ams AG TCS3530 Datasheet HTML 72Page - ams AG TCS3530 Datasheet HTML 73Page - ams AG TCS3530 Datasheet HTML 74Page - ams AG TCS3530 Datasheet HTML 75Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 105 page
background image
Datasheet, Public
Page 71
[v3-00] 2023-Jun-23
Document Feedback
TCS3530 − Register Overview
MEAS_SEQR_AGC Register
Figure 99:
MEAS_SEQR_AGC
Note(s):
1. Return to the Register Map (0xDD).
MEAS_SEQR_SMUX_AND_SAMPLE_TIME Register
Figure 100:
MEAS_SEQR_SMUX_AND_SAMPLE_TIME
Note(s):
1. Return to the Register Map (0xDE).
Addr: 0xDD
MEAS_SEQR_AGC
Bit
Field
Reset
Type
Bit Description
7:4
MEASUREMENT_
SEQUENCER_AGC_
PREDICT_PATTERN
1111b
R/W
Defines the sequencer steps where predict AGC is
enabled for the corresponding measurement.
The bit pattern does not represent a value but controls
bitwise which sequencer step shall be used. The leftmost
position of “0000” refers to sequencer step 3, the
rightmost refers to sequencer step 0. By default this
feature is enabled for all sequencer steps.
3:0
MEASUREMENT_
SEQUENCER_AGC_
ASAT_PATTERN
1111b
R/W
Defines the sequencer steps where analog saturation AGC
is enabled for the corresponding measurement.
The bit pattern does not represent a value but controls
bitwise which sequencer step shall be used. The leftmost
position of “0000” refers to sequencer step 3, the
rightmost refers to sequencer step 0. By default this
feature is enabled for all sequencer steps.
Addr: 0xDE
MEAS_SEQR_SMUX_AND_SAMPLE_TIME
Bit
Field
Reset
Type
Bit Description
7:4
MEASUREMENT_
SEQUENCER_
SAMPLE_ TIME_
PATTERN
0R/W
This register contains one bit for each sequencer step (LSB
= step 0, MSB = step 3) which selects the smux
configuration from the two available variants for the
corresponding sequencer step.
3:0
MEASUREMENT_
SEQUENCER_
SMUX_ PATTERN
0R/W
This register contains one bit for each sequencer step (LSB
= step 0, MSB = step 3) which selects the sample time
configuration from the two available variants for the
corresponding sequencer step.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com