Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TCS3530 Datasheet(PDF) 76 Page - ams AG

Part # TCS3530
Description  Fully Embedded, True Color Ambient Light Sensor with Selective Flicker
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

TCS3530 Datasheet(HTML) 76 Page - ams AG

Back Button TCS3530 Datasheet HTML 72Page - ams AG TCS3530 Datasheet HTML 73Page - ams AG TCS3530 Datasheet HTML 74Page - ams AG TCS3530 Datasheet HTML 75Page - ams AG TCS3530 Datasheet HTML 76Page - ams AG TCS3530 Datasheet HTML 77Page - ams AG TCS3530 Datasheet HTML 78Page - ams AG TCS3530 Datasheet HTML 79Page - ams AG TCS3530 Datasheet HTML 80Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 105 page
background image
Page 76
Datasheet, Public
Document Feedback
[v3-00] 2023-Jun-23
TCS3530 − Register O ver view
MOD_RESIDUAL_CFG2 Register
Figure 108:
MOD_RESIDUAL_CFG2
Note(s):
1. Return to the Register Map (0xEA).
VSYNC_DELAY_CFG0 Register
Figure 109:
VSYNC_DELAY_CFG0
Note(s):
1. Return to the Register Map (0xEB).
Addr: 0xEA
MOD_RESIDUAL_CFG2
Bit
Field
Reset
Type
Bit Description
7:3
MOD_RESIDUAL_
RELATIVE_
STEPS_3
0R/W
Relative number of steps to add to 16 steps in case of
number of residual bits 4.
2:0
MOD_RESIDUAL_
RELATIVE_
STEPS_2
0R/W
Relative number of steps to add to 2 steps in case of
number of residual bits 1.
Addr: 0xEB
VSYNC_DELAY_CFG0
Bit
Field
Reset
Type
Bit Description
7:0
VSYNC_DELAY[7:0]
0
R/W
Sets the time to delay an input from the VSYNC pin in
multiples of 1.3888μs. The selectable range is
1.3888μs to 2^14*1.3888μs=22.754ms.
ATTENTION: Reset value must be 0 so that RAM
initialization works.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com